Electronic Components Datasheet Search
  English  ▼

X  

PE3C4443 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C4443
Description  SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable Using PE-SR405FLJ Coax
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4443 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C4443 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4443 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4443 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4443 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4443 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: SSMC Jack Bulkhead
• Connector 2: SSMC Jack Bulkhead
• Cable Type: PE-SR405FLJ
Features
• SSMC Cable Assembly Max. Operating Frequency of
12.4 GHz
• Small SSMC cable connection form factor (50% smaller
than SMA, radially)
• Reliable threaded coupling
• In stock and ready to ship
Applications
• SSMC Cable General Purpose
Test
• Data Acquisition Systems
• A/D Conversion Systems
• Ultra Wideband Digital Receivers
•
Software defined radio (SDR)
.
Description
Pasternack’s SSMC cable assemblies are part of our full line of RF components available for same-day shipping. These
SSMC cable assemblies are designed to connect SSMC system components and test connections, delivering signal frequen-
cies as high as 12.4 GHz. Our family of SSMC cables can also be used to connect SSMC ports on data acquisition systems,
A/D modules or SSMC coax patch panels. If none of our standard options fit your application, you can specify your own cus-
tom SSMC cable assembly using Pasternack’s online Cable Creator.
Our SSMC cable assembly datasheet specifications and drawing with dimensions are shown below in this PDF. Pasternack’s
broad catalog of RF, microwave and millimeter wave cable assemblies allow designers to configure and customize their signal
connections however they like. Whether the need is to provide SSMC cabling for a data acquisition system, or simply create
a custom cable assembly configuration, Pasternack has the right cable assemblies for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.4:1
Velocity of Propagation
69.5
%
RF Shielding
100
dB
Group Delay
1.43 [4.69]
ns/ft [ns/m]
Capacitance
29 [95.14]
pF/ft [pF/m]
DC Resistance Inner Conductor
65.7 [215.55]
Ω/1000ft [Ω/Km]
DC Resistance Outer Conductor
10.2 [33.46]
Ω/1000ft [Ω/Km]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable Using PE-SR405FLJ Coax PE3C4443
PE3C4443 REV 1.0
SSMC Jack Bulkhead to SSMC Jack Bulkhead
Cable Using PE-SR405FLJ Coax
RF Cable Assemblies Technical Data Sheet
PE3C4443


Similar Part No. - PE3C4443

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4443-12 PASTERNACK-PE3C4443-12 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 12 Inch Length Using PE-SR405FLJ Coax
PE3C4443-24 PASTERNACK-PE3C4443-24 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 24 Inch Length Using PE-SR405FLJ Coax
PE3C4443-48 PASTERNACK-PE3C4443-48 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 48 Inch Length Using PE-SR405FLJ Coax
PE3C4443-6 PASTERNACK-PE3C4443-6 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 6 Inch Length Using PE-SR405FLJ Coax
PE3C4443-60 PASTERNACK-PE3C4443-60 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 60 Inch Length Using PE-SR405FLJ Coax
More results

Similar Description - PE3C4443

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4390 PASTERNACK-PE3C4390 Datasheet
465Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable Using RG178 Coax
PE3C4442 PASTERNACK-PE3C4442 Datasheet
483Kb / 5P
SSMC Plug to SSMC Jack Bulkhead Cable Using PE-SR405FLJ Coax
PE3C4442-24 PASTERNACK-PE3C4442-24 Datasheet
483Kb / 5P
SSMC Plug to SSMC Jack Bulkhead Cable 24 Inch Length Using PE-SR405FLJ Coax
PE3C4443-6 PASTERNACK-PE3C4443-6 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 6 Inch Length Using PE-SR405FLJ Coax
PE3C4443-12 PASTERNACK-PE3C4443-12 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 12 Inch Length Using PE-SR405FLJ Coax
PE3C4443-24 PASTERNACK-PE3C4443-24 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 24 Inch Length Using PE-SR405FLJ Coax
PE3C4443-48 PASTERNACK-PE3C4443-48 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 48 Inch Length Using PE-SR405FLJ Coax
PE3C4443-60 PASTERNACK-PE3C4443-60 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 60 Inch Length Using PE-SR405FLJ Coax
PE3C4443-72 PASTERNACK-PE3C4443-72 Datasheet
482Kb / 5P
SSMC Jack Bulkhead to SSMC Jack Bulkhead Cable 72 Inch Length Using PE-SR405FLJ Coax
PE3C4445 PASTERNACK-PE3C4445 Datasheet
483Kb / 5P
SMA Male to SSMC Jack Bulkhead Cable Using PE-SR405FLJ Coax
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com