Electronic Components Datasheet Search
  English  ▼

X  

CY29942AI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY29942AI
Description  2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29942AI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY29942AI Datasheet HTML 1Page - Cypress Semiconductor CY29942AI Datasheet HTML 2Page - Cypress Semiconductor CY29942AI Datasheet HTML 3Page - Cypress Semiconductor CY29942AI Datasheet HTML 4Page - Cypress Semiconductor CY29942AI Datasheet HTML 5Page - Cypress Semiconductor CY29942AI Datasheet HTML 6Page - Cypress Semiconductor CY29942AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY29942
Document #: 38-07284 Rev. *B
Page 4 of 7
Notes:
5.
Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with loaded outputs.
6.
Outputs driving 50
Ω transmission lines.
7.
See Figure 1.
8.
50% input duty cycle.
9.
Across temperature and voltage ranges, includes output skew.
10. For a specific temperature and voltage, includes output skew.
AC Parameters[5]: VDD = 3.3V ±5% or 2.5V ±5%, VDDC = 3.3V ±5% or 2.5V ±5%, Over the specified temperature range
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Fmax
Input Frequency
200
MHz
Tpd
TTL_CLK to Q Delay[6, 7]
VDD = 3.3V
1.8
3.3
3.8
ns
VDD = 2.5V
2.3
3.8
4.4
FoutDC
Output Duty Cycle[6, 7, 8]
Measured at VDD/2
45
55
%
Tskew
Output-to-Output Skew[6, 7]
200
ps
Tskew(pp)
Part-to-Part Skew[9]
VDD = 3.3V
1.0
ns
VDD = 2.5V
1.3
Tskew(pp)
Part-to-Part Skew[10]
600
ps
Tr/Tf
Output Clocks Rise/Fall
Time[6, 7]
0.8V to 2.0V, VDD = 3.3V
0.2
1.1
ns
0.5V to 1.8V, VDD = 2.5V
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
VTT
Zo = 50 ohm
VTT
RT = 50 ohm
RT = 50 ohm
CY29942 DUT
Figure 1. LVCMOS_CLK CY29942 Test Reference for VCC = 3.3V and VCC = 2.5V
tPD
LVCMOS_CLK
Q
VCC
GND
VCC /2
VCC
GND
VCC /2
Figure 2. LVCMOS Propagation Delay (TPD) Test Reference
VCC
GND
VCC /2
tP
T0
DC = tP / T0 x 100%
Figure 3. Output Duty Cycle (FoutDC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com