Electronic Components Datasheet Search
  English  ▼

X  

NCSW131CT Datasheet(PDF) 8 Page - NICHIA CORPORATION

Part # NCSW131CT
Description  WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSW131CT Datasheet(HTML) 8 Page - NICHIA CORPORATION

Back Button NCSW131CT Datasheet HTML 4Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 5Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 6Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 7Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 8Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 9Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 10Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 11Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 12Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NICHIA STS-DA1-4643D <Cat.No.180912>
7
TAPE AND REEL DIMENSIONS
Reel Size: 3500pcs
STS-DA7-11145
数量
1 ー
3500個入
す
*
Nxxx131x
ー 部/ ーダ部 Trailer and Leader
Top Cover Tape
引 出し方向
LED装着部
ーダ部最小400mm
ー 部最小160mm 空部
Trailer 160mm MIN(Empty Pockets)
Loaded Pockets
エンボ
ャ
ープ
Embossed Carrier Tape
ップ
ー ープ
Feed
Direction
Leader without Top Cover Tape 400mm MIN
引 出し部最小100mm 空部
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806電子部品 ーピン
準拠し います
管理番号 No.
(単位 Unit: mm)
-0
Φ1.5+0.1
ーピン 部 Tape
4
±0.1
4
±0.1
2
±0.05
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
* 実装作業中断
エンボ
ャ
ープ
ー
巻 取 場合
エンボ
ャ
ープ 強く(10N
)締
い
さい
LED
ー ープ 貼 付く可能性あ ます
11.4
±1
-0
9
+1
ー
部 Reel
f 13
±0.2
f 2
1 ±0
.8
Label
180
+0
-3
0.20
±0.05
0.95
±0.1
Φ1+0.2
-0
1.65
±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com