Electronic Components Datasheet Search
  English  ▼

X  

DMS-40PC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DMS-40PC
Description  4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DMS-40PC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DMS-40PC Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-40PC Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-40PC Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-40PC Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-40PC Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-40PC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
4 ½ DIGIT , LED DISPLA Y DIGIT A L P ANEL VOL TMETERS
DMS-40PC
Applications
The DMS-40PC's simplified schematic, shown in Figure 1, can be
very useful when debugging a malfunctioning circuit, especially if
the user has some knowledge of operational amplifiers (op amps).
The meter's high-impedance input consists of an op amp powered
from a ±5Vdc power supply (the –5V is internally generated). Figure
1 shows that input signals applied to (–) INPUT LO and (+) INPUT
HI must to be kept within the ±5V power-supply rails. Also note that
only pin 11 has a current-limiting 909k
Ωseries resistor. High input
voltages that have a common ground connection with pin 3 (5V
RETURN) should only be applied to pin 11 ((+) INPUT HI) and never
to pin 12. In these high-voltage cases, pin 12 should always be tied
to pin 3 (5V RETURN).
One of the simplified schematic's more noteworthy features is that it
shows some DMS-40PC internal voltage values and also that pin 3
is the meter's zero-volt reference point — regardless of the type of
power or signal source used. This is an important point to keep in
mind when using digital multimeters to perform system-level
measurements. The multimeter's negative lead (usually the black
one) must always be connected to pin 3 (5V RETURN). This is the
only way accurate readings can be made, particularly if the meter is
configured for a differential input and concerns arise regarding
common-mode voltages.
1. Single-Ended Input Configurations: The DMS-40PC can
measure single-ended signals with either positive or negative
polarities. True single-ended inputs always have one of their two
terminals at the same potential as the DMS-40PC's 5V RETURN
(pin 3). Single-ended inputs are usually derived from power
supplies that have a common ground with the meter’s +5V
supply. Figure 2 shows the recommended connections to be
used with this type of input. Pin 12, (–) INPUT LO, is shown
directly tied to ground. This connection to ground must be a
separate wire or pc-board trace originating at VIN's negative
terminal. This hook-up will normally eliminate display instabilities
and errors caused by ground-loop currents which can occur if
(–) INPUT LO is tied to ground at, or near, pin 3.
Hard wiring is preferable, however, you can exercise dynamic
control over the location of the decimal point by employing drive
circuits that are capable of sinking a minimum of 20mA at
voltages less than +0.4 Volts.
6. Gain Adjust: There is a gain-adjust potentiometer on the back
of each meter. It has approximately ±150 counts of adjustment
range. Since these meters essentially have no zero/offset errors,
a gain adjustment is effectively an overall accuracy adjustment.
Though they may be performed at any point (except zero),
accuracy adjustments are most effective when performed with
higher level input signals.
7. Soldering Methods: All models in the DMS-40PC Series easily
withstand most common wave soldering operations. We
recommend, however, that you evaluate the effects your
particular soldering techniques may have on the meter's plastic
case and high-precision electrical performance. We recommend
the use of water-soluble solders and thorough cleaning
procedures.
8. Suggested Mating Connectors:
Panel mounted:
Connector housing
DATEL P/N 39-2079400
Terminal type
DATEL P/N 39-2099090
Crimping tool
DATEL P/N 39-2099000
Wire size
22 to 26 AWG
Insulation diameter
0.062" (1.57mm) maximum
Stripping length
0.100 to 0.125" (2.54 to 3.17mm)
Board mounted:
Socket
DATEL P/N 39-2359625
DMS-40PC Series meters are high-precision versatile devices that
can be used in many applications requiring a 0 to 19,999 count
digital display. The application circuits chosen for this section are
ones that have historically received many inquiries. Every attempt
has been made to ensure technical accuracy, and all of the following
circuits have been prototyped and tested to ensure functionality.
Please keep in mind, however, that real-world applications are
seldom as straightforward as the approaches presented here.
All inputs applied to DMS-40PC meters must be steady, dc values,
otherwise the input itself may cause display instabilities. Due to their
4½ digit resolution, DMS-40PC meters must be wired with greater
care than their 3½ digit counterparts. Correct power-supply and
input-signal wiring — an absolute must! — helps eliminate ground-
loop induced errors that show up as unstable display readings.
When an input signal, assumed to be exactly zero volts, has a 1mV
(0.001V) ground-loop induced offset, it is displayed as "0010" on a
±2V input-range meter! DATEL's new Digital Panel Meter Catalog
contains an application note describing power supply wiring and
ground loop avoidance techniques.
Figure 2. Single-Ended Input Configuration
1
1 2
3
+ 5 V S U P
( – ) I N L O
5 V R E T
1 1
( + ) I N H I
6
D P 1
+
–
A C t o D C C o n v e r t e r
V I N
D M S - 4 0 P C - 1 - G S
D A T E L
D M S - P S 1 - C M
8 5 - 2 6 4 V a c



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com