Electronic Components Datasheet Search
  English  ▼

X  

A-404CSR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A-404CSR
Description  FOUR DIGITS DISPLAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A-404CSR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A-404CSR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C/A-404CX
FOUR DIGITS DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-404CH
A-404CH
GaP
Red
700
2.1
2.8
650
C-404CE
A-404CE
GaAsP/GaP Hi.effi Red
635
2.0
2.8
2000
C-404CG
A-404CG
GaP
Green
565
2.1
2.8
1800
C-404CY
A-404CY
GaAsP/GaP Yellow
585
2.1
2.8
1700
C-404CSR
A-404CSR
GaAlAs
Super Red
660
1.8
2.4
8000
D50
Fig.D50
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - A-404CSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-40-LC-7-T ETC1-A-40-LC-7-T Datasheet
31Kb / 1P
IC-Fassungen, Low cost-Version, Rester 2.54mm
A-40-LC-T2 ETC1-A-40-LC-T2 Datasheet
31Kb / 1P
IC-Fassungen, Low cost-Version, Rester 2.54mm
A-40-LC-TR ETC1-A-40-LC-TR Datasheet
31Kb / 1P
IC-Fassungen, Low cost-Version, Rester 2.54mm
A-40-LC-TT ETC1-A-40-LC-TT Datasheet
31Kb / 1P
IC-Fassungen, Low cost-Version, Rester 2.54mm
A-40-LC-XX ETC1-A-40-LC-XX Datasheet
31Kb / 1P
IC-Fassungen, Low cost-Version, Rester 2.54mm
More results

Similar Description - A-404CSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-244CX ETC-C-244CX Datasheet
101Kb / 1P
FOUR DIGITS DISPLAY
C-564 ETC1-C-564 Datasheet
86Kb / 1P
FOUR DIGITS DISPLAY
C-4N4H ETC1-C-4N4H Datasheet
89Kb / 1P
FOUR DIGITS DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-284CX-14 PARALIGHT-C-284CX-14 Datasheet
99Kb / 1P
FOUR DIGITS DISPLAY
logo
Ningbo Foryard Optoelec...
FYQ-2541EX-00 FORYARD-FYQ-2541EX-00 Datasheet
388Kb / 5P
0.25Inch (6.20mm) digit height Four Digits Display
FYQ-2841OX-00 FORYARD-FYQ-2841OX-00 Datasheet
424Kb / 5P
0.28Inch (7.00mm) digit height Four Digits Display
FYQ-3041EX-00 FORYARD-FYQ-3041EX-00 Datasheet
434Kb / 5P
0.30Inch (7.60mm) digit height Four Digits Display
FYQ-3141AX-00 FORYARD-FYQ-3141AX-00 Datasheet
417Kb / 5P
0.31Inch (8.00mm) digit height Four Digits Display
FYQ-3341AX-00 FORYARD-FYQ-3341AX-00 Datasheet
381Kb / 5P
0.33Inch (8.38mm) digit height Four Digits Display
FYQ-3941KX-00 FORYARD-FYQ-3941KX-00 Datasheet
379Kb / 5P
0.39Inch (9.90mm) digit height Four Digits Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com