Electronic Components Datasheet Search
  English  ▼

X  

2075 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2075
Description  data delay devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2075 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2075 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2075 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2075/2075A
Doc #01010
DATA DELAY DEVICES, INC.
2
11/2/01
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature:
25
oC
± 3oC
Zload:
75
Ω nominal
Source Amplitude:
0dBm typical
Source Impedance:
75
Ω nominal
Input Frequency:
27.777778MHz
Network analyzer is used in phase measurement mode, normalized with a calibrated BNC jumper between
input and output signals. Delay is related to phase lag with proportionality constant of 100ps/deg.
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
IN
Test Setup
DEVICE
UNDER
TEST
NETWORK
ANALYZER
(HP 3577A)
OUT
IN R
IN A
IN B
GND
IN
OUT B
50-OHM
SIGNAL
DIVIDER
(HP 35676
-66301)
OUT R
OUT A
50-Ohm Coax
50-Ohm Coax
50-Ohm Coax
50-Ohm Coax
RF
OUT
GND
50
Ω
GND
75
Ω
GND
50
Ω
GND
75
Ω
GND
IMPEDANCE MATCHING
NETWORKS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com