Electronic Components Datasheet Search
  English  ▼

X  

MA09581 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA09581
Description  SAW Filter 1590MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA09581 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA09581 Datasheet HTML 1Page - Golledge Electronics Ltd MA09581 Datasheet HTML 2Page - Golledge Electronics Ltd MA09581 Datasheet HTML 3Page - Golledge Electronics Ltd MA09581 Datasheet HTML 4Page - Golledge Electronics Ltd MA09581 Datasheet HTML 5Page - Golledge Electronics Ltd MA09581 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
SAW Filter 1590MHz
Model: TA0638A
Part No: MA09581
REV. NO.: 1
TA0638A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -55°C to +85°C
4. Storage Temperature: -55°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Note
Center Frequency
Fc
MHz
-
1590
-
-
Min. Insertion Loss
IL
dB
-
2.3
4
-
Amplitude ripple
dB
-
1
1.8
-
Bandwidth @ -1dB
MHz
55
59
65
-
Bandwidth @ -20dB
MHz
-
97
125
-
Ultimate rejection
dB
-
50
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F


Similar Part No. - MA09581

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA09580 GOLLEDGE-MA09580 Datasheet
132Kb / 6P
70.0MHz IF SAW Filter
MA09582 GOLLEDGE-MA09582 Datasheet
115Kb / 6P
SAW Filter 1592.5MHz
More results

Similar Description - MA09581

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0638A TAI-SAW-TA0638A Datasheet
444Kb / 7P
SAW Filter 1590MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1768A TAI-SAW-TA1768A Datasheet
189Kb / 7P
SAW Filter 1590MHz(BW 59MHz) SMD 3.0x3.0 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com