Electronic Components Datasheet Search
  English  ▼

X  

MP03019 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03019
Description  SAW Filter 916.450MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03019 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03019 Datasheet HTML 1Page - Golledge Electronics Ltd MP03019 Datasheet HTML 2Page - Golledge Electronics Ltd MP03019 Datasheet HTML 3Page - Golledge Electronics Ltd MP03019 Datasheet HTML 4Page - Golledge Electronics Ltd MP03019 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 916.450MHz
Model: TA0673A
Part No: MP03019
Rev No: 3
TA0673A v3
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device
1. Input Power Level: 20dBm
2. DC voltage: 5V
3. Operating Temperature: -30°C to +70°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Note
Center frequency Fc (MHz)
-
916.45
-
1
Insertion Loss IL (dB)
-
4.0
5.0
Pass band (relative to IL)
1
916.05 ~ 916.8MHz (dB)
-
0.5
3.0
916.00 ~ 916.86MHz (dB)
-
1.0
6.0
Pass bandwidth (relative to IL) BW3 (kHz)
1500
2000
-
Attenuation: (relative to IL) (dB)
1
500 ~ 872MHz (dB)
35
40
-
872 ~ 894MHz (dB)
30
35
-
894 ~ 912.7MHz (dB)
18
23
-
919.6 ~ 924MHz (dB)
6
9
-
924 ~ 940MHz (dB)
15
18
-
940 ~ 1000MHz (dB)
30
35
-
Temperature Coefficient ppm / °C2
-0.033
Impedance at Fc
144Ω // 3.4pF
144Ω // 3.4pF
Input ZIN = RIN // CIN
Output ZOUT = ROUT // COUT
Note 1: The standard definitions is in JIS C 6703


Similar Part No. - MP03019

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03014 GOLLEDGE-MP03014 Datasheet
89Kb / 6P
IF SAW Filter 256.36MHz
MP03018 GOLLEDGE-MP03018 Datasheet
128Kb / 6P
SAW Filter 918MHz
More results

Similar Description - MP03019

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MA07630 GOLLEDGE-MA07630 Datasheet
369Kb / 6P
SAW Filter 916.450MHz
MP06994 GOLLEDGE-MP06994 Datasheet
226Kb / 8P
SAW Filter 916.450MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com