Electronic Components Datasheet Search
  English  ▼

X  

MP03081 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03081
Description  SAW Filter 960MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03081 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03081 Datasheet HTML 1Page - Golledge Electronics Ltd MP03081 Datasheet HTML 2Page - Golledge Electronics Ltd MP03081 Datasheet HTML 3Page - Golledge Electronics Ltd MP03081 Datasheet HTML 4Page - Golledge Electronics Ltd MP03081 Datasheet HTML 5Page - Golledge Electronics Ltd MP03081 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 960MHz
Model: TA0564A
Part No: MP03081
Rev No: 1
TA0564A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -20°C to +70°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
960
-
-
Insertion Loss (942 ~ 978MHz) IL
dB
-
2.8
4
-
Amplitude Ripple (942 ~ 978MHz)
dB
-
1.1
2.3
-
Return Loss (942 ~ 978MHz)
dB
8
14.1
-
-
Relative Attenuation (relative to 0dB)
DC ~ 890MHz
dB
40
53
-
-
890 ~ 906MHz
dB
35
51
-
-
906 ~ 924MHz
dB
30
47
-
-
1030 ~ 1045MHz
dB
28
41
-
-
1045 ~ 1055MHz
dB
35
54
-
-
1055 ~ 1500MHz
dB
39
57
-
-
1500 ~ 2200MHz
dB
30
42.5
-
-
C. MEASUREMENT CIRCUIT:

HP Netwo rk an aly z er

SAW Filter
B
E
A,
C,
D , F


Similar Part No. - MP03081

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03082 GOLLEDGE-MP03082 Datasheet
207Kb / 6P
SAW Filter 1960MHz
MP03083 GOLLEDGE-MP03083 Datasheet
76Kb / 6P
SAW Filter 881.5MHz
MP03084 GOLLEDGE-MP03084 Datasheet
121Kb / 6P
SAW Filter 1575.42MHz
More results

Similar Description - MP03081

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0564B TAI-SAW-TA0564B Datasheet
356Kb / 7P
SAW Filter 960MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com