Electronic Components Datasheet Search
  English  ▼

X  

MP03182 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03182
Description  SAW Filter 467.5375MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03182 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03182 Datasheet HTML 1Page - Golledge Electronics Ltd MP03182 Datasheet HTML 2Page - Golledge Electronics Ltd MP03182 Datasheet HTML 3Page - Golledge Electronics Ltd MP03182 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 467.5375MHz
Model: TA0476A
Part No: MP03182
Rev No: 1
TA0476A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 0dBm
2. DC voltage: 5V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
TA = -40°C to +85°C
Item
Min.
Typ.
Max.
Note
Center frequency Fc (MHz)
-
467.5375
-
1
IL min (dB)
-
3.1
4
Pass band (relative to IL min)
467.2875 ~ 467.7875 MHz (dB)
-
0.7
3
1
Pass bandwidth (relative to IL min) BW3 (kHz)
500
950
-
Attenuation:( relative to dB IL min)
10 ~ 442.46MHz (dB)
40
47
-
442.46 ~ 453.26MHz (dB)
40
44
-
453.6 ~ 466MHz (dB)
15
23
-
469.2 ~ 478.6MHz (dB)
10
16
-
478.6 ~ 490.6MHz (dB)
38
42
-
1
490.6 ~ 1000MHz (dB)
40
45
-
Note 1: The standard definitions is in JIS C 6703


Similar Part No. - MP03182

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03101 GOLLEDGE-MP03101 Datasheet
82Kb / 7P
SAW Filter 2122.5MHz
MP03125 GOLLEDGE-MP03125 Datasheet
204Kb / 6P
SAW Filter 433.92MHz
MP03144 GOLLEDGE-MP03144 Datasheet
84Kb / 7P
SAW Filter 2592.5MHz
MP03145 GOLLEDGE-MP03145 Datasheet
63Kb / 6P
SAW Filter 2665MHz
MP03146 GOLLEDGE-MP03146 Datasheet
112Kb / 6P
SAW Filter 1178.12MHz
More results

Similar Description - MP03182

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0476A TAI-SAW-TA0476A Datasheet
270Kb / 5P
SAW Filter 467.5375MHz SMD3.8X3.8mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com