Electronic Components Datasheet Search
  English  ▼

X  

MP03519 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MP03519
Description  SAW Filter 1542.50MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03519 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MP03519 Datasheet HTML 1Page - Golledge Electronics Ltd MP03519 Datasheet HTML 2Page - Golledge Electronics Ltd MP03519 Datasheet HTML 3Page - Golledge Electronics Ltd MP03519 Datasheet HTML 4Page - Golledge Electronics Ltd MP03519 Datasheet HTML 5Page - Golledge Electronics Ltd MP03519 Datasheet HTML 6Page - Golledge Electronics Ltd MP03519 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1542.50MHz
Model: TA0425B
Part No: MP03519
Rev No: 1
TA0425B v1
2
A2. MAXIMUM RATING:
1. Input Power Level: 5dBm
2. DC Voltage: 5V
3. Operating Temperature: -40°C to +75°C
4. Storage Temperature: -40°C to +85°C
B2. ELECTRICAL CHARACTERISTICS:
1. Singled to Balanced operation
2. Terminating source impedance: ZS = 50
3. Terminating load impedance: ZL = 150
// 33nH
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
1542.5
-
-
Insertion Loss (1525 ~ 1560MHz) IL
dB
-
3.1
4.2
-
Amplitude Ripple (1525 ~ 1560MHz)
dB
-
0.4
2
-
Attenuation (Reference level from 0dB)
DC ~ 1480MHz
dB
21
44
-
-
1630 ~ 1660MHz
dB
26
34
-
-
1660 ~ 2050MHz
dB
30
35
-
-
2050 ~ 3500MHz
dB
35
50
-
-
Temperature Coefficient of Frequency
ppm/°C
-
-36
-
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com