Electronic Components Datasheet Search
  English  ▼

X  

MP07597 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07597
Description  SAW Filter 315.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07597 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07597 Datasheet HTML 1Page - Golledge Electronics Ltd MP07597 Datasheet HTML 2Page - Golledge Electronics Ltd MP07597 Datasheet HTML 3Page - Golledge Electronics Ltd MP07597 Datasheet HTML 4Page - Golledge Electronics Ltd MP07597 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 315.0MHz
Model: TA0657C
Part No: MP07597
Rev No: 1
TA0657C v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Input Power Level: 10dBm
2. DC voltage: 3V
3. Operating Temperature: -40°C to 85°C
4. Storage Temperature: -40°C to +85°C
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
315
-
Insertion loss (314.70 ~ 315.30MHz) IL
dB
-
1.52
2.5
Amplitude ripple (314.70 ~ 315.30MHz)
dB
-
0.4
1.2
VSWR (314.70 ~ 315.30MHz)
-
1.4
1.6
Attenuation (Reference level from IL dB)
270.0 ~ 286.0MHz
dB
55
65
-
293.0 ~ 293.9MHz
dB
53
60
-
304.0 ~ 304.6MHz
dB
48
60
-
325.4 ~ 326.0MHz
dB
24
30
-
336.1 ~ 337.0MHz
dB
36
52
-
357.5 ~ 358.7MHz
dB
50
60
-
Source impedance ZS
-
50
-
Load impedance ZL
-
50
-
Temperature coefficient
ppm/k
-
-36
-
Note 1: No matching network required for operation at 50Ω
Note 2: For SiO2 coating.
C. MEASUREMENT CIRCUIT:
50
HP Network analyzer
50
SAW Filter
B
E
A,C,D,F


Similar Part No. - MP07597

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07593 GOLLEDGE-MP07593 Datasheet
271Kb / 5P
SAW Filter 121.50MHz
MP07594 GOLLEDGE-MP07594 Datasheet
113Kb / 5P
SAW Filter 262.0MHz
MP07595 GOLLEDGE-MP07595 Datasheet
206Kb / 5P
SAW Filter 265.0MHz
MP07596 GOLLEDGE-MP07596 Datasheet
182Kb / 6P
SAW Filter 311.0MHz
MP07598 GOLLEDGE-MP07598 Datasheet
195Kb / 6P
SAW Filter 399.80MHz
More results

Similar Description - MP07597

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F3152 ITF-F3152 Datasheet
286Kb / 6P
SAW Bandpass Filter 315.0MHz
2005-11-08
logo
Abracon Corporation
AFS315.0W01-TS3 ABRACON-AFS315.0W01-TS3 Datasheet
1Mb / 3P
AFS315.0W01-TS3 SMD 315.0MHz SAW Filter
08.11.11
logo
Golledge Electronics Lt...
MA09382 GOLLEDGE-MA09382 Datasheet
141Kb / 4P
315.0MHz SAW Filter
MA09065 GOLLEDGE-MA09065 Datasheet
196Kb / 5P
SAW Filter: 315.0MHz
MP03963 GOLLEDGE-MP03963 Datasheet
83Kb / 5P
SAW Filter 315.0MHz
MP07512 GOLLEDGE-MP07512 Datasheet
227Kb / 6P
SAW Filter 315.0MHz
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
One-Port SAW Resonator 315.0MHz
MP06999 GOLLEDGE-MP06999 Datasheet
303Kb / 6P
SAW Resonator: 315.0MHz
MA07075 GOLLEDGE-MA07075 Datasheet
79Kb / 4P
SAW Resonator 315.0MHz
MP05119 GOLLEDGE-MP05119 Datasheet
182Kb / 5P
SAW Resonator 315.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com