Electronic Components Datasheet Search
  English  ▼

X  

AD9858PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9858PCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9858PCB Datasheet HTML 15Page - Analog Devices AD9858PCB Datasheet HTML 16Page - Analog Devices AD9858PCB Datasheet HTML 17Page - Analog Devices AD9858PCB Datasheet HTML 18Page - Analog Devices AD9858PCB Datasheet HTML 19Page - Analog Devices AD9858PCB Datasheet HTML 20Page - Analog Devices AD9858PCB Datasheet HTML 21Page - Analog Devices AD9858PCB Datasheet HTML 22Page - Analog Devices AD9858PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD9858
Rev. A | Page 19 of 32
40ns
80ns
TIME
120ns
160ns
DELTA FREQUENCY RAMP RATE WORD (
≥8ns)
8ns
16ns
TIME
24ns
32ns
DELTA FREQUENCY TUNING WORD
Figure 32. Frequency vs. Time Plots for a Given Sweep Profile
The delta frequency ramp rate word (DFRRW) functions as a
countdown timer, in which the value of the DFRRW is decre-
mented at the rate of SYSCLK/8. This means that the most rapid
frequency word update occurs when a value of 1 is loaded into
the DFRRW, and results in a frequency increment at 1/8 of the
SYSCLK rate. With a SYSCLK of 1 GHz, the frequency can be
incremented at a maximum rate of 125 MHz (DFRRW = 1).
The delta frequency tuning word (DFTW) must specify
whether the frequency sweep should proceed up or down from
the starting frequency (FTW). Therefore, the DFTW is
expressed as a twos complement binary value, in which positive
indicates up and negative indicates down.
A DFRRW value of 0 written to the register stops all frequency
sweeping. There is no automatic stop-at-a-given-frequency
function. The user must calculate the time interval required to
reach the final frequency and then issue a command to write 0
into the DFRRW register. The time required for a frequency
sweep is calculated by the following formula
DFTW
DFRRW
SYSCLK
f
f
T
2
S
F
×
×
−
=
34
2
where:
T is the duration of the sweep in seconds.
fS is the starting frequency determined by
SYSCLK
FTW
fS
×
=
32
2
.
fF is the final frequency.
The delta frequency step size is given by
31
2
SYSCLK
DFTW
f
×
=
∆
,
remembering that DFTW is a signed (twos complement) value.
The time between each frequency step (∆t) is given by
SYSCLK
DFRRW
t
×
=
∆
8
The value of the stop frequency fF is determined by
t
f
T
f
f
S
F
∆
∆
×
+
=
Returning to Starting Frequency
The original frequency tuning word (FTW), which was written
into the frequency tuning register, does not change at any time
during a sweeping operation. This means that the DDS may be
returned to the sweep starting frequency at any time during a
sweep. Setting the control bit named autoclear frequency
accumulator forces the frequency accumulator to zero, instantly
returning the DDS to the frequency stored as FTW.
Full-Sleep Mode
Setting all of the power-down bits in the control function
register activates full-sleep mode. During the power-down
condition, the clocks associated with the various functional
blocks of the device are turned off, thereby offering a significant
power savings.
SYNCHRONIZATION
SYNCLK and FUD Pins
Timing for the AD9858 is provided via the user-supplied
REFCLK input. The REFCLK input is buffered and is the source
for the internally generated SYSCLK. The frequency of SYSCLK
can be either the same as REFCLK or half that of REFCLK (via
a programmable divide-by-2 function set in the control
function register CFR). The REFCLK input is capable of
handling input frequencies as high as 2 GHz. However, the
device is designed for a maximum SYSCLK frequency of 1 GHz.
Thus, it is mandatory that the divide-by-2 SYSCLK function be
enabled when the frequency of REFCLK is greater than 1 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com