Electronic Components Datasheet Search
  English  ▼

X  

NFSW172BT Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NFSW172BT
Description  LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW172BT Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NFSW172BT Datasheet HTML 3Page - NICHIA CORPORATION NFSW172BT Datasheet HTML 4Page - NICHIA CORPORATION NFSW172BT Datasheet HTML 5Page - NICHIA CORPORATION NFSW172BT Datasheet HTML 6Page - NICHIA CORPORATION NFSW172BT Datasheet HTML 7Page - NICHIA CORPORATION NFSW172BT Datasheet HTML 8Page - NICHIA CORPORATION NFSW172BT Datasheet HTML 9Page - NICHIA CORPORATION NFSW172BT Datasheet HTML 10Page - NICHIA CORPORATION NFSW172BT Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NICHIA STS-DA1-4466C <Cat.No.181015>
6
TAPE AND REEL DIMENSIONS
STS-DA7-9660
Reel Size: 4000pcs
数量
1 ー
4000個入
す
*
Nxxx172x
ーピン 部 Tape
4
±0.1
4
±0.1
2
±0.05
-0
Φ 1.5+0.1
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806電子部品 ーピン
準し います
管理番号 No.
(単位 Unit: mm)
3.3
±0.1
0.2
±0.05
1.05
±0.1
Cathode Mark
-0
Φ 1+0.25
ー 部/ ーダ部 Trailer and Leader
Top Cover Tape
引 出し方向
LED装着部
ーダ部MIN 400mm
ー 部MIN 160mm 空部
Trailer 160mm MIN (Empty Pockets)
Loaded Pockets
エンボ キャ
ープ
Embossed Carrier Tape
ップカ
ー ープ
Feed
Direction
Leader without Top Cover Tape 400mm MIN
引 出し部MIN 100mm 空部
Leader with Top Cover Tape
100mm MIN (Empty Pocket)
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
* 実装作業中断
エンボ キャ
ープ
ー
巻 取 場合
エンボ キャ
ープ 強く(10N
)締
い
さい
LED
カ
ー ープ 貼 付く可能性あ ます
11.4
±1
-0
9
+1
ー
部 Reel
f 13
±0.2
f 2
1 ±0
.8
Label
180
+0
-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com