Electronic Components Datasheet Search
  English  ▼

X  

2095963 Datasheet(PDF) 2 Page - SICK AG

Part # 2095963
Description  Plug connector cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2095963 Datasheet(HTML) 2 Page - SICK AG

  2095963 Datasheet HTML 1Page - SICK AG 2095963 Datasheet HTML 2Page - SICK AG 2095963 Datasheet HTML 3Page - SICK AG 2095963 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
YG8U14-050VA3XLEAX
Ordering information
Type
Part no.
YG8U14-050VA3XLEAX
2095963
Other models and accessories
www.sick.com/
CYJV
Cable Assembly
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connecting cables
Connection type head A
Female connector, M8, 4-pin, angled, A-coded
Connection type head B
Flying leads
Locking plug connector
Screw connection
Connector material
TPU
Connector color
Black
Locking nut material
Zinc die-cast, nickel-plated
Seal material
FKM
Tightening torque
0.4 Nm
Width across flats
9
Cable
5 m, 4-wire, PVC
Jacket material
PVC
Jacket color
Gray
Cable diameter
4.8 mm
Conductor cross-section
0.25 mm²
Shielding
Unshielded
Bending radius
Flexible use > 10 x cable diameter
Stationary position > 5 x cable diameter
Reference voltage
≤ 60 V DC
Rated impulse voltage
1.5 kV
Current loading
4 A
Signal type
Sensor/actuator cable
Application
Zones with chemicals
Authorizations
UL
Enclosure rating
IP65 / IP66K / IP67
Ambient operating temperature
2
| SICK
Online data sheet | 2018-12-07 23:13:53
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com