Electronic Components Datasheet Search
  English  ▼

X  

3069713 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3069713
Description  Changeover switch - RS20-US-S0213-0403-014H-001
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3069713 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3069713 Datasheet HTML 1Page - PHOENIX CONTACT 3069713 Datasheet HTML 2Page - PHOENIX CONTACT 3069713 Datasheet HTML 3Page - PHOENIX CONTACT 3069713 Datasheet HTML 4Page - PHOENIX CONTACT 3069713 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/3069713
11/22/2018   Page 1 / 5
Changeover switch - RS20-US-S0213-0403-014H-001 - 3069713
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Changeover switch, with 0 position, connection method: Screw connection, number of positions: 4, function:
1 ‑ 0 ‑ 2, switching zones: 4, switching program number: S0213, rated continuous current: 20 A, voltage: 690
V
Your advantages
 The compact rotary switch is designed for use in energy technology applications with the available switching programs
 The use of high-quality materials results in a long mechanical and electrical service life
 Comprehensive approvals ensure international use
 High level of safety thanks to non-conductive plastic parts
 The terminal points are designed in such a way that shock protection according to BGV A2 is ensured
 The rotary switch is free from cadmium and compliant with the RoHS directive
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356785310
Technical data
General
Number of connections
16
Color
silver/black
Rotary switch function
1 ‑ 0 ‑ 2
Switching program number
S0213
Switching angle
60 °
Rated continuous current
20 A
Maximum load current
20 A
Rated surge voltage
6 kV
Rated insulation voltage
690 V (Valid for networks with grounded neutral point, overvoltage
category III, degree of pollution 3)


Similar Part No. - 3069713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3069710 PHOENIX-3069710 Datasheet
81Kb / 5P
Changeover switch - RS20-US-S0210-0103-014H-001
3069711 PHOENIX-3069711 Datasheet
81Kb / 5P
Changeover switch - RS20-US-S0211-0203-014H-001
3069712 PHOENIX-3069712 Datasheet
82Kb / 5P
Changeover switch - RS20-US-S0212-0303-014H-001
3069714 PHOENIX-3069714 Datasheet
81Kb / 5P
Changeover switch - RS20-US-S0220-0102-014H-001
3069715 PHOENIX-3069715 Datasheet
82Kb / 5P
Changeover switch - RS20-US-S0221-0202-014H-001
More results

Similar Description - 3069713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3069710 PHOENIX-3069710 Datasheet
81Kb / 5P
Changeover switch - RS20-US-S0210-0103-014H-001
3069711 PHOENIX-3069711 Datasheet
81Kb / 5P
Changeover switch - RS20-US-S0211-0203-014H-001
3069712 PHOENIX-3069712 Datasheet
82Kb / 5P
Changeover switch - RS20-US-S0212-0303-014H-001
3069714 PHOENIX-3069714 Datasheet
81Kb / 5P
Changeover switch - RS20-US-S0220-0102-014H-001
3069715 PHOENIX-3069715 Datasheet
82Kb / 5P
Changeover switch - RS20-US-S0221-0202-014H-001
3069719 PHOENIX-3069719 Datasheet
81Kb / 5P
Changeover switch - RS20-US-S0575-0102-014H-001
3069720 PHOENIX-3069720 Datasheet
82Kb / 5P
Changeover switch - RS20-US-S0576-0202-014H-001
3069723 PHOENIX-3069723 Datasheet
81Kb / 5P
Changeover switch - RS20-US-S0214-0103-014H-001
3069724 PHOENIX-3069724 Datasheet
82Kb / 5P
Changeover switch - RS20-US-S0215-0203-014H-001
3069725 PHOENIX-3069725 Datasheet
81Kb / 5P
Changeover switch - RS20-US-S0530-0102-014H-001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com