Electronic Components Datasheet Search
  English  ▼

X  

RT9501B Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9501B
Description  Advanced Lithium-lon Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9501B Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9501B Datasheet HTML 1Page - Richtek Technology Corporation RT9501B Datasheet HTML 2Page - Richtek Technology Corporation RT9501B Datasheet HTML 3Page - Richtek Technology Corporation RT9501B Datasheet HTML 4Page - Richtek Technology Corporation RT9501B Datasheet HTML 5Page - Richtek Technology Corporation RT9501B Datasheet HTML 6Page - Richtek Technology Corporation RT9501B Datasheet HTML 7Page - Richtek Technology Corporation RT9501B Datasheet HTML 8Page - Richtek Technology Corporation RT9501B Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RT9501A/B
Preliminary
4
DS9501A/B-03P
October 2004
Electrical Characteristics
Recommended Operating Conditions
(Note 3)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 4.5V to 7V
Junction Temperature Range ----------------------------------------------------------------------------------------
−20°C to 70°C
Absolute Maximum Ratings
(Note 1)
Supply Voltage ---------------------------------------------------------------------------------------------------------
−0.3V to 7V
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
Power Dissipation, PD @ TA = 25
°C
MSOP8 ------------------------------------------------------------------------------------------------------------------ 300mW
Package Thermal Resistance
MSOP8,
θJA ------------------------------------------------------------------------------------------------------------ 80°C/W
Operation Junction Temperature Range --------------------------------------------------------------------------
−40°C to 125°C
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
(TA = 25
°C, unless otherwise specification)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Operating Current
IDD(OPE)
4.5V < VDD < 7V,
Excluding external loads
--
1
2
mA
VDD Sleep Current
IDD(SLP)
VBATT −VDD ≥ 0.2V
--
--
1
µA
Input Bias Current @ BATT pin
IBATT
VBATT = VO(REG),
VBATT − VDD ≥ 0.2V
--
1.5
2.5
µA
Input Bias Current @ CS pin
ICS
VCS =5V, VBATT − VDD ≥ 0.2V
--
--
1
µA
Input Bias Current @ TS pin
ITS
VTS =5V, VBATT − VDD ≥ 0.2V
--
--
1
µA
Input Bias Current @ FB/CE pin
ICE
VCE =5V, VBATT − VDD ≥ 0.2V
--
--
1
µA
Input Low Voltage @ CE pin
VCE
--
--
1.5
V
Input High Voltage @ CE pin
VCE
VDD–1.5
--
--
V
Feedback Voltage @ FB pin
VFB
2.048
2.10
2.152
V
RT9501A
4.059
4.10
4.141
V
Output Voltage
VO(REG)
RT9501B
4.158
4.20
4.242
V
Current Regulation Threshold
VI(SNS)
VI(SNS) = VDD – VCS
100
110
121
mV
Charge Terminated Current
Detect Threshold
V(TERM)
2
12
22
mV
Lower Temperature Threshold
VTS1
29.1
30
30.9
%VDD
Upper Temperature Threshold
VTS2
58.3
60
61.8
%VDD
Precharge Threshold
VO(MIN)
2.8
2.9
3.0
V
Precharge Current Regulation
V(PRE)
4
14
24
mV
Recharge Threshold
VO(RCH)
VO(REG) –
140mV
V O(REG)–
100mV
VO(REG) –
60mV
V
To be continued
勝特力科技
886-3-5753170
百年電子
86-755-83289224
Http://www.100y.com.tw



Html Pages

1 2 3 4 5 6 7 8 9