Electronic Components Datasheet Search
  English  ▼

X  

AD5541AARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD5541AARMZ
Description  Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541AARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD5541AARMZ Datasheet HTML 1Page - Analog Devices AD5541AARMZ Datasheet HTML 2Page - Analog Devices AD5541AARMZ Datasheet HTML 3Page - Analog Devices AD5541AARMZ Datasheet HTML 4Page - Analog Devices AD5541AARMZ Datasheet HTML 5Page - Analog Devices AD5541AARMZ Datasheet HTML 6Page - Analog Devices AD5541AARMZ Datasheet HTML 7Page - Analog Devices AD5541AARMZ Datasheet HTML 8Page - Analog Devices AD5541AARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2.7 V to 5.5 V, Serial-Input,
Voltage Output, Unbuffered 16-Bit DAC
Data Sheet
AD5541A
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16-bit resolution
11.8 nV/√Hz noise spectral density
1 µs settling time
1.1 nV-sec glitch energy
0.05 ppm/°C temperature drift
5 kV HBM ESD classification
0.375 mW power consumption at 3 V
2.7 V to 5.5 V single-supply operation
Hardware CS and LDAC functions
50 MHz SPI-/QSPI-/MICROWIRE-/DSP-compatible interface
Power-on reset clears DAC output to zero scale
Available in 3 mm × 3 mm, 8-/10-lead LFCSP and 10-lead
MSOP
APPLICATIONS
Automatic test equipment
Precision source-measure instruments
Data acquisition systems
Medical instrumentation
Aerospace instrumentation
Communications infrastructure equipment
Industrial control
FUNCTIONAL BLOCK DIAGRAMS
16-BIT DAC
16-BIT DAC LATCH
SERIAL INPUT REGISTER
VDD
VLOGIC
DGND
DIN
REF
SCLK
CS
LDAC
VOUT
AGND
AD5541A
CONTROL
LOGIC
Figure 1. AD5541A
16-BIT DAC
16-BIT DAC LATCH
SERIAL INPUT REGISITER
VDD
GND
DIN
REF
SCLK
CS
CLR
VOUT
AD5541A-1
CONTROL
LOGIC
Figure 2. AD5541A-1
GENERAL DESCRIPTION
The AD5541A is a single, 16-bit, serial input, unbuffered voltage
output digital-to-analog converter (DAC) that operates from a
single 2.7 V to 5.5 V supply.
The DAC output range extends from 0 V to VREF and is guaranteed
monotonic, providing ±1 LSB INL accuracy at 16 bits without
adjustment over the full specified temperature range of −40°C
to +125°C. The AD5541A is available in a 3 mm × 3 mm, 10-lead
LFCSP and 10-lead MSOP. The AD5541A-1 is available in a
3 mm × 3 mm, 8-lead LFCSP.
Offering unbuffered outputs, the AD5541A achieves a 1 µs set-
tling time with low power consumption and low offset errors.
Providing low noise performance of 11.8 nV/√Hz and low
glitch, the AD5541A is suitable for deployment across multiple
end systems.
The AD5541A uses a versatile 3-wire interface that is compatible
with 50 MHz SPI, QSPI™, MICROWIRE™, and DSP interface
standards.
Table 1. Related Devices
Part No.
Description
AD5040/AD5060
2.7 V to 5.5 V 14-/16-bit buffed output DACs
AD5541/AD5542
2.7 V to 5.5 V 16-bit voltage output DACs
AD5781/AD5791
18-/20-bit voltage output DACs
AD5024/AD5064
4.5 V to 5.5 V, 12-/16-bit quad channel DACs
AD5061
Single, 16-bit nanoDAC, ±4 LSB INL, SOT-23
AD5542A
16-bit, bipolar, voltage output DAC
PRODUCT HIGHLIGHTS
1. 16-bit performance without adjustment.
2. 2.7 V to 5.5 V single operation.
3. Low 11.8 nV/√Hz noise spectral density.
4. Low 0.05 ppm/°C temperature drift.
5. 3 mm × 3 mm LFCSP and MSOP packaging.


Similar Part No. - AD5541AARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5541AARMZ AD-AD5541AARMZ Datasheet
1Mb / 24P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
More results

Similar Description - AD5541AARMZ

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5541 MAXIM-MAX5541 Datasheet
221Kb / 8P
Low-Cost, 5V, Serial-Input, Voltage-Output, 16-Bit DAC
Rev 0; 12/99
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com