Electronic Components Datasheet Search
  English  ▼

X  

SA25F020 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SA25F020
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SA25F020 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25F020 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25F020 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25F020 Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25F020 Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25F020 Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25F020 Datasheet HTML 11Page - List of Unclassifed Manufacturers SA25F020 Datasheet HTML 12Page - List of Unclassifed Manufacturers SA25F020 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
9
DC Characteristics
Applicable over recommended operating range from TAI = -40 ºC to 85 ºC, VCC = 2.7-3.6 V.
Table 3. DC Characteristics
Limits
Symbol
Parameter
Test Conditions
Min
Typ*
Max
Unit
VCC
Supply Voltage
2.7
3
3.6
V
ICC1
Active Power Supply
Current (Read)
SCK = 0.1VCC/0.9 VCC @
25 MHz
9
12
mA
ICC2
Active Power Supply
Current (Page Program)
CSb = VCC
15
mA
ICC3
Active Power Supply
Current (WRSR)
CSb = VCC
15
mA
ICC4
Active Power Supply
Current (SE)
CSb = VCC
15
mA
ICC5
Active Power Supply
Current (BE)
CSb = VCC
15
mA
ISB
Standby Current
VCC = 3.0 V,
CSb = VCC
1
µA
IIL
Input Leakage Current
VIN = GND to VCC
1
µA
IOL
Output Leakage Current
VIN = GND to VCC
1
µA
VIL
Input Low Voltage
-0.3
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC +
0.5
V
VOH
Output High Voltage
IOH = -0.1 mA
VCC -
0.2
V
VOL
Output Low Voltage
IOL = 1.6 mA; VCC = 2.7 V
0.4
V
*Typical values are at TAI = 25 ºC and 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37