Electronic Components Datasheet Search
  English  ▼

X  

SA25F020E Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SA25F020E
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020E Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SA25F020E Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25F020E Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25F020E Datasheet HTML 11Page - List of Unclassifed Manufacturers SA25F020E Datasheet HTML 12Page - List of Unclassifed Manufacturers SA25F020E Datasheet HTML 13Page - List of Unclassifed Manufacturers SA25F020E Datasheet HTML 14Page - List of Unclassifed Manufacturers SA25F020E Datasheet HTML 15Page - List of Unclassifed Manufacturers SA25F020E Datasheet HTML 16Page - List of Unclassifed Manufacturers SA25F020E Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
13
Signal Description
Chip Select (CSb)
This is an active-low input pin to the device
that is generated by the master controlling
the device. A low level on this pin selects
the device, while a high level deselects the
device. All serial communications with the
device are enabled only when this pin is
held low.
Serial Clock (SCK)
This is an input pin to the device that is
generated by the master controlling the
device.
It
is
a
clock
signal
that
synchronizes the communication between
a master and the device. All input
information (SI) to the device is latched on
the rising edge of this clock input, while
output data (SO) from the device is driven
after the falling edge of this clock input.
Serial Input (SI)
This is an input pin to the device that is
generated by the master controlling the
device.
The
master
transfers
input
information (instruction, addresses and the
data to be programmed) into the device
serially via this pin. This input information is
latched on the rising edge of the SCK.
Serial Output (SO)
This is an output pin from the device that is
used to transfer output data to the
controlling master. Output data is serially
shifted out on this pin after the falling edge
of the SCK.
Hold (HOLDb)
This is an active low input pin to the device
that is generated by the master controlling
the device. When driven low, this pin
suspends any current communication with
the device. The suspended communication
can be resumed by driving this pin high.
This feature eliminates the need to
re-transmit
the
entire
sequence
by
enabling the master to resume the
communication from where it was left off.
This pin should be tied high if this feature is
not
used.
Refer
to Hold Condition,
page 15, for additional details.
Write Protect (WPb)
This is an active low input pin to the device.
This pin allows enabling and disabling of
writes to the device's memory array and
status register. When this pin is held low,
writes to the memory array and status
register are disabled; when it is held high,
they are enabled. Refer to Write Protect,
page 16, for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37