| Electronic Components Datasheet Search |
|
RT9501BCF Datasheet(PDF) 5 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT9501BCF Datasheet(HTML) 5 Page - Richtek Technology Corporation |
|
5 / 9 page ![]() RT9501A/B Preliminary 5 DS9501A/B-03P October 2004 Note 1. Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may remain possibility to affect device reliability. Note 2. Devices are ESD sensitive. Handling precaution recommended. Note 3. The device is not guaranteed to function outside its operating conditions. Parameter Symbol Test Condition Min Typ Max Units Output (Low) Voltage @ STAT pin VSTAT(LOW) IOL = 10mA -- 0.4 0.6 Output (High) Voltage @ STAT pin VSTAT(HIGH) IOH = 5mA VDD–0.5 -- -- V Output Low Voltage @ CC pin VCC(LOW) IO(CC) = 5mA ( sink ) -- -- 1.5 V Sink current @ CC pin ICC(SINK) Not to exceed power rating specification (PD) 5 -- 40 mA 勝特力科技 886-3-5753170 百年電子 86-755-83289224 Http://www.100y.com.tw |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |