Electronic Components Datasheet Search
  English  ▼

X  

SA25F020LEMLF Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # SA25F020LEMLF
Description  2Mb Serial Flash with 25MHz SPI Bus Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SA25F020LEMLF Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button SA25F020LEMLF Datasheet HTML 22Page - List of Unclassifed Manufacturers SA25F020LEMLF Datasheet HTML 23Page - List of Unclassifed Manufacturers SA25F020LEMLF Datasheet HTML 24Page - List of Unclassifed Manufacturers SA25F020LEMLF Datasheet HTML 25Page - List of Unclassifed Manufacturers SA25F020LEMLF Datasheet HTML 26Page - List of Unclassifed Manufacturers SA25F020LEMLF Datasheet HTML 27Page - List of Unclassifed Manufacturers SA25F020LEMLF Datasheet HTML 28Page - List of Unclassifed Manufacturers SA25F020LEMLF Datasheet HTML 29Page - List of Unclassifed Manufacturers SA25F020LEMLF Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
SA25F020 Advanced Information
SAIFUN
26
1
3
210
9
8
7
6
5
4
031
30
29
28
Instruction
24-Bit
Address
23
21
22
1
32
0
36
35
34
33
32
39
38
37
1
32
0
76
5
4
Data Byte 1
1
32
0
765
4
Data Byte 2
44
43
42
41
40
47
46
45
52
51
59
49
48
55
54
53
1
32
0
76
54
Data Byte 3
Data Byte 256
SCK
SI
SCK
SI
MSB
MSB
MSB
MSB
MSB
CS
CS
1
32
0
76
54
Figure 16. Page Programming (PP) Instruction Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com