Electronic Components Datasheet Search
  English  ▼

X  

NJSL172AT Datasheet(PDF) 8 Page - NICHIA CORPORATION

Part # NJSL172AT
Description  WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSL172AT Datasheet(HTML) 8 Page - NICHIA CORPORATION

Back Button NJSL172AT Datasheet HTML 4Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 5Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 6Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 7Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 8Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 9Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 10Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 11Page - NICHIA CORPORATION NJSL172AT Datasheet HTML 12Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NICHIA STS-DA1-3955D <Cat.No.181017>
7
TAPE AND REEL DIMENSIONS
STS-DA7-0064C
Reel Size: 4000pcs
数量は
1リールにつき 4000個入りです。
*
Nxxx172x
テーピング部
Tape
4±0.1
4±0.1
2±0.05
-0
Φ
1.5+0.1
リール部
Reel
f 13
±0.2
f 21
±0.8
ラベル
Label
11.4±1
9±0.3
180+0
-3
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806電子部品テーピングに準拠しています。
管理番号
No.
(単位 Unit: mm)
3.3±0.1
0.2±0.05
1.05±0.1
Cathode Mark
-0
Φ
1+0.25
トレーラ部
/リーダ部 Trailer and Leader
Top Cover Tape
引き出し方向
LED装着部
リーダ部
MIN 400mm
トレーラ部MIN
160mm(空部)
Trailer 160mm MIN (Empty Pockets)
Loaded Pockets
エンボスキャリアテープ
Embossed Carrier Tape
トップカバーテープ
Feed
Direction
Leader without Top Cover Tape 400mm MIN
引き出し部
MIN 100mm(空部)
Leader with Top Cover Tape
100mm MIN (Empty Pocket)
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
* 実装作業の中断などでエンボスキャリアテープをリールに巻き取る場合、
エンボスキャリアテープを強く
(10N以上)締めないで下さい。
LEDがカバーテープに貼り付く可能性があります。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com