Electronic Components Datasheet Search
  English  ▼

X  

NJSW170CT-PB Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NJSW170CT-PB
Description  WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSW170CT-PB Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NJSW170CT-PB Datasheet HTML 7Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 8Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 9Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 10Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 11Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 12Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 13Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 14Page - NICHIA CORPORATION NJSW170CT-PB Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NICHIA STS-DA1-4903A <Cat.No.180228>
10
DERATING CHARACTERISTICS
NJSW170C-PB
管理番号
No. STS-DA7-13585
0
200
400
600
800
1000
0
30
60
90
120
150
Derating2
(125, 700)
はんだ接合部温度(カソード側)-許容順電流特性
Solder Temperature(Cathode Side) vs
Allowable Forward Current
はんだ接合部温度(カソード側)
Solder Temperature(Cathode Side)(°C)
10
100
1000
1
10
100
Duty
700
900
デューティー比
Duty Ratio(%)
デューティー比-許容順電流特性
Duty Ratio vs
Allowable Forward Current
T
A =25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com