Electronic Components Datasheet Search
  English  ▼

X  

NSSC146AT Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NSSC146AT
Description  BLUE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSC146AT Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NSSC146AT Datasheet HTML 3Page - NICHIA CORPORATION NSSC146AT Datasheet HTML 4Page - NICHIA CORPORATION NSSC146AT Datasheet HTML 5Page - NICHIA CORPORATION NSSC146AT Datasheet HTML 6Page - NICHIA CORPORATION NSSC146AT Datasheet HTML 7Page - NICHIA CORPORATION NSSC146AT Datasheet HTML 8Page - NICHIA CORPORATION NSSC146AT Datasheet HTML 9Page - NICHIA CORPORATION NSSC146AT Datasheet HTML 10Page - NICHIA CORPORATION NSSC146AT Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NICHIA STS-DA1-4514A <Cat.No.161222>
6
TAPE AND REEL DIMENSIONS
STS-DA7-8943
Nxxx146x
トレーラ部
/リーダ部 Trailer and Leader
Top Cover Tape
引き出し方向
LED装着部
リーダ部最小
400mm
トレーラ部最小
160mm(空部)
Trailer 160mm MIN(Empty Pockets)
Loaded Pockets
エンボスキャリアテープ
Embossed Carrier Tape
トップカバーテープ
Feed
Direction
Leader without Top Cover Tape 400mm MIN
引き出し部最小
100mm(空部)
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
管理番号
No.
(単位 Unit: mm)
リール部
Reel
-0
Φ
1.5+0.1
テーピング部
Tape
4±0.1
4±0.1
2±0.05
* 数量は1リールにつき 4500個入りです。
Reel Size: 4500pcs
* 実装作業の中断などでエンボスキャリアテープをリールに巻き取る場合、
エンボスキャリアテープを強く
(10N以上)締めないで下さい。
LEDがカバーテープに貼り付く可能性があります。
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
* JIS C 0806電子部品テーピングに準拠しています。
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
f 13
±0.2
f 21
±0.8
ラベル
Label
180+0
-3
11.4±1
9±0.3
1.6±0.1
0.2±0.05
0.9±0.1
Cathode Mark
-0
Φ
1+0.2
(0.02 クロスバー凹部)
(0.02 Crossbar Reduction)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com