Electronic Components Datasheet Search
  English  ▼

X  

2N4401 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N4401
Description  General Purpose Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4401 Datasheet(HTML) 2 Page - ON Semiconductor

  2N4401 Datasheet HTML 1Page - ON Semiconductor 2N4401 Datasheet HTML 2Page - ON Semiconductor 2N4401 Datasheet HTML 3Page - ON Semiconductor 2N4401 Datasheet HTML 4Page - ON Semiconductor 2N4401 Datasheet HTML 5Page - ON Semiconductor 2N4401 Datasheet HTML 6Page - ON Semiconductor 2N4401 Datasheet HTML 7Page - ON Semiconductor 2N4401 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N4401
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 1)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
−
Vdc
Collector−Base Breakdown Voltage
(IC = 0.1 mAdc, IE = 0)
V(BR)CBO
60
−
Vdc
Emitter−Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
V(BR)EBO
6.0
−
Vdc
Base Cutoff Current
(VCE = 35 Vdc, VEB = 0.4 Vdc)
IBEV
−
0.1
mAdc
Collector Cutoff Current
(VCE = 35 Vdc, VEB = 0.4 Vdc)
ICEX
−
0.1
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 150 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 2.0 Vdc)
hFE
20
40
80
100
40
−
−
−
300
−
−
Collector−Emitter Saturation Voltage (IC = 150 mAdc, IB = 15 mAdc)
Collector−Emitter Saturation Voltage (IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
−
−
0.4
0.75
Vdc
Base−Emitter Saturation Voltage (IC = 150 mAdc, IB = 15 mAdc)
Base−Emitter Saturation Voltage (IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
0.75
−
0.95
1.2
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product (IC = 20 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
250
−
MHz
Collector−Base Capacitance (VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Ccb
−
6.5
pF
Emitter−Base Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Ceb
−
30
pF
Input Impedance (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hie
1.0
15
k ohms
Voltage Feedback Ratio (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hre
0.1
8.0
X 10−4
Small−Signal Current Gain (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
40
500
−
Output Admittance (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hoe
1.0
30
mmhos
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 30 Vdc, VBE = 2.0 Vdc,
td
−
15
ns
Rise Time
(VCC
30 Vdc, VBE
2.0 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc)
tr
−
20
ns
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
ts
−
225
ns
Fall Time
(VCC
30 Vdc, IC 150 mAdc,
IB1 = IB2 = 15 mAdc)
tf
−
30
ns
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com