Electronic Components Datasheet Search
  English  ▼

X  

NSSM313AT Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NSSM313AT
Description  FULL COLOR LED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM313AT Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NSSM313AT Datasheet HTML 1Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 2Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 3Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 4Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 5Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 6Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 7Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 8Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
NICHIA STS-DA1-4782E <Cat.No.180209>
4
CHROMATICITY DIAGRAM
460
470
480
490
500
510
520
530
540
550
560
570
580
590
600
610
620
630
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
x
R8b(主波長, Dominant Wavelength: 618~628nm)
G1h3(主波長, Dominant Wavelength: 520~531nm)
G1h4(主波長, Dominant Wavelength: 523.5~535.0nm)
Vc(主波長, Dominant Wavelength: 445~455nm)
Vd(主波長, Dominant Wavelength: 450~460nm)
W1nc(主波長, Dominant Wavelength: 464.0~472.5nm)
W1nd(主波長, Dominant Wavelength: 467~475nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com