Electronic Components Datasheet Search
  English  ▼

X  

NSSR146AT Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NSSR146AT
Description  RED LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSR146AT Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NSSR146AT Datasheet HTML 9Page - NICHIA CORPORATION NSSR146AT Datasheet HTML 10Page - NICHIA CORPORATION NSSR146AT Datasheet HTML 11Page - NICHIA CORPORATION NSSR146AT Datasheet HTML 12Page - NICHIA CORPORATION NSSR146AT Datasheet HTML 13Page - NICHIA CORPORATION NSSR146AT Datasheet HTML 14Page - NICHIA CORPORATION NSSR146AT Datasheet HTML 15Page - NICHIA CORPORATION NSSR146AT Datasheet HTML 16Page - NICHIA CORPORATION NSSR146AT Datasheet HTML 17Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
NICHIA STS-DA1-4829C <Cat.No.180112>
12
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NSSR146A
管理番号
No. STS-DA7-11649B
-9
-6
-3
0
3
6
9
0
50
100
150
200
250
IfλD
-9
-6
-3
0
3
6
9
-60 -40 -20
0
20
40
60
80 100 120
TaλD
30mA
IFP=
順電流
Forward Current(mA)
周囲温度
Ambient Temperature(°C)
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
T
A=25°C
0.28
0.29
0.30
0.31
0.32
0.33
0.67
0.68
0.69
0.70
0.71
0.72
Taxy
110˚C
25˚C
-40˚C
110˚C
25˚C
-40˚C
x
30mA
IFP=
0.28
0.29
0.30
0.31
0.32
0.33
0.67
0.68
0.69
0.70
0.71
0.72
Taxy
1mA
30mA
200mA
1mA
30mA
200mA
R13
R15
x
順電流
-色度(主波長)特性
Forward Current vs
Chromaticity Coordinate (λ
d)
R13(主波長, Dominant Wavelength: 615nm)
R15(主波長, Dominant Wavelength: 630nm)
周囲温度
-色度(主波長)特性
Ambient Temperature vs
Chromaticity Coordinate (λ
d)
T
A=25°C
R13(主波長, Dominant Wavelength: 615nm)
R15(主波長, Dominant Wavelength: 630nm)
R13(主波長, Dominant Wavelength: 615nm)
R15(主波長, Dominant Wavelength: 630nm)
R13(主波長, Dominant Wavelength: 615nm)
R15(主波長, Dominant Wavelength: 630nm)
Forward Current vs
順電流
-主波長(IFP
Dominat
=30mAからの差)特性
=30mA)
from IFP
Wavelength(Difference
Ambient Temperature vs
周囲温度
-主波長(TA=25°Cからの差)特性
Dominat Wavelength(Difference from TA=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com