Electronic Components Datasheet Search
  English  ▼

X  

MP01462 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01462
Description  SAW Filter 800.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01462 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01462 Datasheet HTML 1Page - Golledge Electronics Ltd MP01462 Datasheet HTML 2Page - Golledge Electronics Ltd MP01462 Datasheet HTML 3Page - Golledge Electronics Ltd MP01462 Datasheet HTML 4Page - Golledge Electronics Ltd MP01462 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 800.0MHz
Model: TA0740A
Part No: MP01462
Rev. No: 2
TA0740A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 5dBm
2. DC voltage: 5V
3. Operating Temperature: -20°C to 70°C
4. Storage Temperature: -40°C to +85°C
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc MHz
-
800
-
Insertion loss 790 ~ 810MHz IL
dB
-
2.4
3.8
Amplitude ripple 790 ~ 810MHz
dB
-
0.8
2.0
Attenuation (Reference level from 0dB)
600 ~ 700MHz
dB
40
47
-
700 ~ 750MHz
dB
30
45
-
860 ~ 900MHz
dB
30
42
-
900 ~ 1000MHz
dB
38
47
-
Source impedance ZS
Ω
-
50
-
Load impedance ZL
Ω
-
50
-
Note: No matching network required for operation at 50Ω


Similar Part No. - MP01462

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01460 GOLLEDGE-MP01460 Datasheet
306Kb / 6P
SAW Filter 675.0MHz
MP01461 GOLLEDGE-MP01461 Datasheet
129Kb / 6P
SAW Filter 770.0MHz
More results

Similar Description - MP01462

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
IQD Frequency Products ...
IQXO-100 IQD-IQXO-100 Datasheet
295Kb / 2P
Frequency 1.0MHz to 800.0MHz
IQXO-110 IQD-IQXO-110 Datasheet
288Kb / 2P
Frequency 1.0MHz to 800.0MHz
IQXO-190 IQD-IQXO-190 Datasheet
128Kb / 2P
Frequency 1.0MHz to 800.0MHz
logo
Golledge Electronics Lt...
MA07407 GOLLEDGE-MA07407 Datasheet
106Kb / 4P
SAW Filter 800.0MHz
MA09356 GOLLEDGE-MA09356 Datasheet
206Kb / 4P
800.0MHz SAW Resonator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com