Electronic Components Datasheet Search
  English  ▼

X  

MP01623 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01623
Description  SAW Filter 1076.060MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01623 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01623 Datasheet HTML 1Page - Golledge Electronics Ltd MP01623 Datasheet HTML 2Page - Golledge Electronics Ltd MP01623 Datasheet HTML 3Page - Golledge Electronics Ltd MP01623 Datasheet HTML 4Page - Golledge Electronics Ltd MP01623 Datasheet HTML 5Page - Golledge Electronics Ltd MP01623 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1076.060MHz
Model: TA0839A
Part No: MP01623
Rev No: 3
TA0839A v3
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -50°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance (differential): ZS = 150Ω // 30nH
2. Terminating load impedance (differential): ZL = 150Ω // 30 nH
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
1076.06
-
-
Bandwidth at -2dB
MHz
40
52
-
-
Insertion Loss in 1056.06 ~ 1096.06MHz
dB
-
3.1
5
-
Amplitude ripple (1056.06MHz ~ 1096.06MHz)
dB
-
0.8
2
-
Phase error (1056.06MHz ~ 1096.06MHz) (3)
deg
-
4.6
6.5
-
I/O VSWR (1056.06MHz ~ 1096.06MHz)
-
2
2.5
-
Attenuation (1)
50 ~ 994MHz
dB
42
55
-
-
1158.12 ~ 1850MHz
dB
42
48
-
-
1850 ~ 3000MHz
dB
35
51
-
-
3000 ~ 6000MHz
dB
22
26
-
-
Notes:
1. The amplitude reference is insertion loss at Fc.
2. The amplitude ripple is defined as the max. level - min. level over any 30MHz block of
the given bandwidth.
3. The phase error is measured over any 30MHz block of the given bandwidth.


Similar Part No. - MP01623

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01620 GOLLEDGE-MP01620 Datasheet
139Kb / 4P
SAW Filter 390MHz
MP01622 GOLLEDGE-MP01622 Datasheet
153Kb / 6P
SAW Filter 974.0MHz
MP01624 GOLLEDGE-MP01624 Datasheet
153Kb / 6P
SAW Filter 1484.30MHz
MP01625 GOLLEDGE-MP01625 Datasheet
150Kb / 6P
SAW Filter 1688.420MHz
More results

Similar Description - MP01623

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com