Electronic Components Datasheet Search
  English  ▼

X  

2825 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2825
Description  Power supply for intrinsically safe Inline terminals used in hazardous locations
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2825 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2825 Datasheet HTML 1Page - PHOENIX CONTACT 2825 Datasheet HTML 2Page - PHOENIX CONTACT 2825 Datasheet HTML 3Page - PHOENIX CONTACT 2825 Datasheet HTML 4Page - PHOENIX CONTACT 2825 Datasheet HTML 5Page - PHOENIX CONTACT 2825 Datasheet HTML 6Page - PHOENIX CONTACT 2825 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IB IL EX-IS PWR IN-PAC
2825_en_C
PHOENIX CONTACT
2
3Ordering data
4
Technical data
Products
Description
Type
Order No.
Pcs./Pkt.
Terminal, power supply, includes accessories (connectors and labeling fields)
IB IL EX-IS PWR IN-PAC
2869910
1
Accessories
Description
Type
Order No.
Pcs./Pkt.
Connector, colored-coded
IB IL SCN-PWR IN-CP
2727637
10
Documentation
Description
Type
Order No.
Pcs./Pkt.
User manual:
"Configuring and Installing the INTERBUS Inline Product Range"
IB IL SYS PRO UM E
2743048
1
User manual:
"Automation Terminals of the Inline Product Range"
IL SYS INST UM E
2698737
1
General data
Housing dimensions (width x height x depth)
48.8 mm x 136.8 mm x 71.5 mm
Weight
292 g
Transmission speed
500 kbps
Permissible temperature (operation)
-25°C to +60°C
Permissible temperature (storage/transport)
-25°C to +85°C
Permissible humidity (operation/storage/transport)
10% to 95%, according to DIN EN 61131-2
Permissible air pressure (operation/storage/transport)
70 kPa to 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20 according to IEC 60529
Protection class
Class 3 according to VDE 0106, IEC 60536
Connection data for connector
Connection method
Conductor cross section
Spring-cage terminals
0.2 mm
2
- 1.5 mm
2
(solid or stranded), 24 - 16 AWG
Electrical supply data
Nominal value
24 V DC
Tolerance
-15%/+20%
Ripple
±5%
Permissible range
19.2 V to 30 V
Recommended cable lengths
30 m maximum, do not route cable through outdoor areas
Current load, maximum
1.5 A
Power dissipation, maximum
8 W
U
EX supply to I/O terminals
Connection
Potential jumpers
Nominal value
24 V DC
Current, maximum
1000 mA
Isolation
Galvanic isolation by transformer
U
L supply to logic circuit
Connection
Potential jumpers
Nominal value
5 V DC
Current, maximum
1000 mA
Isolation
Opto-isolation and galvanic isolation by transformer



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com