Electronic Components Datasheet Search
  English  ▼

X  

MP01767 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01767
Description  SAW Filter 710 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01767 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01767 Datasheet HTML 1Page - Golledge Electronics Ltd MP01767 Datasheet HTML 2Page - Golledge Electronics Ltd MP01767 Datasheet HTML 3Page - Golledge Electronics Ltd MP01767 Datasheet HTML 4Page - Golledge Electronics Ltd MP01767 Datasheet HTML 5Page - Golledge Electronics Ltd MP01767 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
SAW Filter 710 MHz
Model: TA0881A
Part No: MP01767
REV NO.: 1
TA0881A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 12 dBm
2. DC Voltage : 3V
3. Operating Temperature: -20°C to +75°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
710
-
-
Insertion loss (704~716MHz)
IL
dB
-
1.6
4.5
-
Amplitude Ripple (704 ~ 716 MHz)
dB
-
0.8
2
-
Group Delay Variation (704~716 MHz)
ns
-
20
45
-
Attenuation (Reference level from 0 dB)
0 ~ 613
MHz
dB
37
41
-
-
613 ~ 663
MHz
dB
37
42
-
-
663 ~ 690
MHz
dB
20
40
-
-
734 ~ 746
MHz
dB
35
55
-
-
763 ~ 813
MHz
dB
40
44
-
-
813 ~ 1000
MHz
dB
38
44
-
-
1000 ~ 1500
MHz
dB
25
44
-
-
Temperature Coefficient of Frequency
Ppm/
℃
-
-35
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F


Similar Part No. - MP01767

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01703 GOLLEDGE-MP01703 Datasheet
136Kb / 5P
240.0MHz SAW Filter
MP01717 GOLLEDGE-MP01717 Datasheet
169Kb / 7P
SAW Filter 757.50MHz
MP01724 GOLLEDGE-MP01724 Datasheet
147Kb / 5P
83.16MHz SAW Filter
MP01742 GOLLEDGE-MP01742 Datasheet
68Kb / 6P
2067.0MHz SAW Filter
MP01779 GOLLEDGE-MP01779 Datasheet
59Kb / 3P
Ambient Temperature: 25째C
More results

Similar Description - MP01767

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
880370 TRIQUINT-880370 Datasheet
144Kb / 5P
710 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0881A TAI-SAW-TA0881A Datasheet
406Kb / 7P
SAW Filter 710 MHz
logo
TriQuint Semiconductor
856931 TRIQUINT-856931 Datasheet
748Kb / 9P
710/740 MHz Duplexer
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
logo
TriQuint Semiconductor
857182 TRIQUINT-857182_15 Datasheet
739Kb / 9P
710/740 MHz SAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TA1230A TAI-SAW-TA1230A Datasheet
418Kb / 6P
SAW Filter 710 MHz
TA1876A TAI-SAW-TA1876A Datasheet
237Kb / 7P
SAW Filter 710 MHz
TA2439B TAI-SAW-TA2439B Datasheet
483Kb / 8P
SAW Filter 710 MHz
TA2439A TAI-SAW-TA2439A Datasheet
799Kb / 8P
SAW Tx Filter 710 MHz LTE Band 17 SMD1.1X0.9mm (BW=12 MHz)
TA2439C TAI-SAW-TA2439C Datasheet
781Kb / 8P
SAW Tx Filter 710 MHz LTE Band 17 SMD1.1X0.9mm (BW=12 MHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com