Electronic Components Datasheet Search
  English  ▼

X  

5657 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5657
Description  Inline Segment Terminal With Electronic Fuse
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5657 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5657 Datasheet HTML 1Page - PHOENIX CONTACT 5657 Datasheet HTML 2Page - PHOENIX CONTACT 5657 Datasheet HTML 3Page - PHOENIX CONTACT 5657 Datasheet HTML 4Page - PHOENIX CONTACT 5657 Datasheet HTML 5Page - PHOENIX CONTACT 5657 Datasheet HTML 6Page - PHOENIX CONTACT 5657 Datasheet HTML 7Page - PHOENIX CONTACT 5657 Datasheet HTML 8Page - PHOENIX CONTACT 5657 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© PHOENIX CONTACT - 01/2006
Data Sheet
AUTOMATIONWORX
5657_en_01
1
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
Phone: +49 - 52 35 - 30 0 • Fax: +49 - 52 35 - 34 12 00 • www.phoenixcontact.com
www.phoenixcontact.com/salesnetwork
IB IL 24 SEG-ELF ...
Description
The terminal is designed for use within an Inline station. The
segment terminal is used to create a partial circuit (segment
circuit) within the main circuit. It is not used to supply power
and therefore has no elements for protection against
polarity reversal and surge voltage. This terminal has an
LED for bus diagnostics and occupies two input data bits,
which are used to indicate the status of the electronic fuse.
Features
–
Automatic creation of a segment circuit in the main
circuit
–
Protection of the segment circuit using an electronic
fuse with short-circuit current limitation
–
Diagnostic indicators
–
Mapping the status of the electronic fuse in the input
data
–
Resetting the fuse via the bus system or manually using
an optional external button
E
D
SE
G-EL
F
This data sheet is only valid in association with the IB IL SYS PRO UM E user manual or the Inline system
manual for your bus system.
The product versions differ in the scope of supply and the transmission speed (see "Ordering Data" on page 2).
The function is identical. Differing technical data is indicated.
For greater clarity, the order designation IB IL 24 SEG-ELF is used throughout this document.
Make sure you always use the latest documentation.
It can be downloaded at www.download.phoenixcontact.com.
A conversion table is available on the Internet at
www.download.phoenixcontact.com/general/7000_en_00.pdf.
This data sheet is valid for all products listed under "Ordering Data" on page 2.
Inline Segment Terminal
With Electronic Fuse


Similar Part No. - 5657

ManufacturerPart #DatasheetDescription
logo
Heyco.
5657 HEYCO-5657 Datasheet
380Kb / 2P
Full Thickness Male Blades
logo
Festo Corporation.
565703 FESTO-565703 Datasheet
84Kb / 1P
Connection block
565704 FESTO-565704 Datasheet
75Kb / 1P
Connection block
565705 FESTO-565705 Datasheet
84Kb / 1P
Connection block
565706 FESTO-565706 Datasheet
75Kb / 1P
Connection block
More results

Similar Description - 5657

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5112 ONSEMI-NIS5112_07 Datasheet
96Kb / 9P
Electronic Fuse
March, 2007 ??Rev. 5
NIS5112 ONSEMI-NIS5112_11 Datasheet
415Kb / 9P
Electronic Fuse
January, 2011 ??Rev. 9
logo
Littelfuse
0FHM000XLXN LITTELFUSE-0FHM000XLXN Datasheet
562Kb / 1P
INLINE SPLASHPROOF FUSE HOLDER
04980921GXM5 LITTELFUSE-04980921GXM5 Datasheet
836Kb / 2P
INLINE MIDI FUSE HOLDER
logo
PHOENIX CONTACT
2726324 PHOENIX-2726324 Datasheet
149Kb / 5P
Inline segment terminal, without accessories, 24 V DC, without fuse
2727462 PHOENIX-2727462 Datasheet
55Kb / 3P
Connector, for Inline power and segment terminal blocks
2727637 PHOENIX-2727637 Datasheet
92Kb / 3P
Connector, colored, for Inline power and segment terminal blocks
5658 PHOENIX-5658 Datasheet
234Kb / 6P
Inline Segment Terminal With Fuse and Diagnostics
7047 PHOENIX-7047 Datasheet
184Kb / 11P
Inline Power Terminal With Fuse and Diagnostics
7187 PHOENIX-7187 Datasheet
291Kb / 8P
Inline power terminal, 230 V AC, with fuse and diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com