Electronic Components Datasheet Search
  English  ▼

X  

6390 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 6390
Description  Inline terminal for incremental encoders
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6390 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 6390 Datasheet HTML 9Page - PHOENIX CONTACT 6390 Datasheet HTML 10Page - PHOENIX CONTACT 6390 Datasheet HTML 11Page - PHOENIX CONTACT 6390 Datasheet HTML 12Page - PHOENIX CONTACT 6390 Datasheet HTML 13Page - PHOENIX CONTACT 6390 Datasheet HTML 14Page - PHOENIX CONTACT 6390 Datasheet HTML 15Page - PHOENIX CONTACT 6390 Datasheet HTML 16Page - PHOENIX CONTACT 6390 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
IB IL INC-IN ...
6390_en_07
PHOENIX CONTACT
13
9
Connection example
Figure 8
Typical connection with 24 V DC encoder
supply
Key
10
Connection notes
11
Programming data/
configuration data
11.1
Local bus (INTERBUS)
11.2
Other bus systems
Encoder/incremental encoder
6390B005
12
1
2
3
4
1
2
3
4
12
1
2
3
4
1
2
3
4
5
6
5
6
INC-IN
D
Z
24V
5V
1
3
2
UP
DN
I 2
I 1
I 3
A, A
B, B
Z, Z
–
–
–
+
GND
Encoders should always be connected using
shielded twisted pair cables. Unshielded cables
may lead to erroneous results in environments
with heavy noise. On the terminal side, the shield
is capacitively connected to functional earth
ground (FE) via the shield connector. On the
encoder side, the shield must be connected with
the grounded encoder housing.
If the encoder does not have a shield connection,
the shield can also be directly connected in the
control cabinet to functional earth ground via an
additional shield connection clamp.
For information on shielding and connecting
shielded cables, please refer to the
IB IL SYS PRO UM E user manual or the Inline
system manual for your bus system.
Please also observe the manufacturer's
installation instructions for the incremental
encoder.
ID code
7F
hex (127dec)
Length code
02
hex
Process data channel
32 bits
Input address area
2 words
Output address area
2 words
Parameter channel (PCP)
0 bytes
Register length (bus)
2 words
For the configuration data of other bus systems,
please refer to the corresponding electronic
device data sheet (e.g., GSD, EDS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com