Electronic Components Datasheet Search
  English  ▼

X  

MBR4060 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MBR4060
Description  40 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MBR4060 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MBR4060 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MBR4060 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MBR4040~MBR40200
Voltage 40V~ 200V
40 Amp Schottky Barrier Rectifiers
11-Jan-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Plastic package has underwriters laboratory
Flammability classification 94V-0
Flame retardant epoxy molding compound
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability
MECHANICAL DATA
Case: TO-220J Molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
Polarity: As Marked
Mounting position: Any
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.)
Part Number
Parameter
Symbol
MBR
4040
MBR
4060
MBR
40100
MBR
40150
MBR
40200
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
40
60
100
150
200
V
Maximum RMS Voltage
VRMS
28
42
70
105
140
V
Maximum DC Blocking Voltage
VDC
40
60
100
150
200
V
Maximum Average Forward Current
IF(AV)
40
A
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC method)
IFSM
200
A
Maximum Forward Voltage @20A per leg
VF
0.7
0.8
0.85
0.92
V
TJ=25°C
0.1
0.05
Maximum DC Reverse Current
@Rated DC Blocking Voltage
TJ=125°C
IR
20
20
mA
Typical Thermal Resistance
RθJC
2.2
°C/W
Operating & Storage Temperature
TJ ,TSTG
-55~150
°C
Part Number
Type
MBR4040~MBR40200
Lead (Pb)-free
MBR4040-C~MBR40200-C
Lead (Pb)-free and Halogen-free
TO-220J
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
9.57
10.57
I
4.68
5.48
B
3.54
4.14
J
2.95
3.96
C
2.54
2.94
K
4.27
4.87
D
11.86
13.26
L
1.07
1.47
E
0.97
1.57
M
8.0
10.0
F
0.51
1.11
N
2.03
2.92
G
12.7
13.8
Q
0.30
0.65
H
2.540 TYP.


Similar Part No. - MBR4060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR4060 ETC2-MBR4060 Datasheet
135Kb / 1P
40 Amp HT Power Schottky Barrier Rectifier
logo
Shanghai Shunye Electro...
MBR4060 SHUNYE-MBR4060 Datasheet
1Mb / 2P
40.0 AMP S . S c h o ttky Barrier Rectifiers
logo
Unisonic Technologies
MBR4060C UTC-MBR4060C Datasheet
126Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
MBR4060C-T SKTECHNOLGY-MBR4060C-T Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
MBR4060C-TF SKTECHNOLGY-MBR4060C-TF Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR4060

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST4050 MICROSEMI-FST4050 Datasheet
133Kb / 2P
40 AMP SCHOTTKY BARRIER RECTIFIER
logo
DIOTEC Electronics Corp...
SK4070C DEC-SK4070C Datasheet
49Kb / 2P
40 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
FBR4030 FCI-FBR4030 Datasheet
133Kb / 2P
40 Amp SCHOTTKY BARRIER RECTIFIERS
logo
DIOTEC Electronics Corp...
SK4040C DEC-SK4040C Datasheet
49Kb / 2P
40 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBR3040 SECOS-SBR3040 Datasheet
291Kb / 2P
VOLTAGE 40 V 30.0 Amp Schottky Barrier Rectifiers
SBR3040R SECOS-SBR3040R_11 Datasheet
249Kb / 2P
Voltage 40 V 30.0 Amp Schottky Barrier Rectifiers
logo
DIOTEC Electronics Corp...
SBDT-4000-1B DEC-SBDT-4000-1B Datasheet
489Kb / 2P
40 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR1040 SECOS-MBR1040 Datasheet
163Kb / 2P
Voltage 40 V 10.0 Amp Schottky Barrier Rectifiers
MBR2040 SECOS-MBR2040 Datasheet
135Kb / 2P
Voltage 40 V 20.0 Amp Schottky Barrier Rectifiers
MBR2040F SECOS-MBR2040F Datasheet
135Kb / 2P
Voltage 40 V 20.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com