Electronic Components Datasheet Search
  English  ▼

X  

6455 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 6455
Description  Inline Servo Amplifier for DC Motors With Brushgears
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6455 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  6455 Datasheet HTML 1Page - PHOENIX CONTACT 6455 Datasheet HTML 2Page - PHOENIX CONTACT 6455 Datasheet HTML 3Page - PHOENIX CONTACT 6455 Datasheet HTML 4Page - PHOENIX CONTACT 6455 Datasheet HTML 5Page - PHOENIX CONTACT 6455 Datasheet HTML 6Page - PHOENIX CONTACT 6455 Datasheet HTML 7Page - PHOENIX CONTACT 6455 Datasheet HTML 8Page - PHOENIX CONTACT 6455 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IB IL DC AR 48/10A (-2MBD-PAC)
6455_en_02
PHOENIX CONTACT
2
2Ordering Data
3
Technical Data
3.1
Housing Dimensions
Products
Description
Type
Order No.
Pcs./Pck.
Inline servo amplifier for DC motors with brushgears;
complete with accessories (connectors);
transmission speed of 500 kbps
IB IL DC AR 48/10A
2819286
1
Inline servo amplifier for DC motors with brushgears;
complete with accessories (connectors);
transmission speed of 2 Mbps
IB IL DC AR 48/10A-2MBD-PAC
2897677
1
Documentation
Description
Type
Order No.
Pcs./Pck.
"Inline Servo Amplifier for DC Motors With Brushgears" user manual
UM EN IB IL DC AR 48/10A
2699192
1
"Automation Terminals of the Inline Product Range" user manual
IL SYS INST UM E
2698737
1
"Configuring and Installing the INTERBUS Inline Product Range"
user manual
IB IL SYS PRO UM E
2743048
1
General Data
Housing dimensions (width x height x depth)
48 mm x 85 mm x 166 mm
Housing material
PA 6.6; black, anodized aluminum
Heatsink material
Aluminum
Weight (typical)
460 g
Permissible temperature (operation)
-25°C to +55°C
Permissible temperature (storage/transport)
-25°C to +85°C
6 4 5 5 A 0 3 1
8 5 m m
( 3 . 3 4 6 " )
4 8 m m
( 1 . 8 9 0 " )



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com