Electronic Components Datasheet Search
  English  ▼

X  

6754 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 6754
Description  Inline Modular position detection terminal, input for magnetostrictive position transducers with START/STOP interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6754 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  6754 Datasheet HTML 1Page - PHOENIX CONTACT 6754 Datasheet HTML 2Page - PHOENIX CONTACT 6754 Datasheet HTML 3Page - PHOENIX CONTACT 6754 Datasheet HTML 4Page - PHOENIX CONTACT 6754 Datasheet HTML 5Page - PHOENIX CONTACT 6754 Datasheet HTML 6Page - PHOENIX CONTACT 6754 Datasheet HTML 7Page - PHOENIX CONTACT 6754 Datasheet HTML 8Page - PHOENIX CONTACT 6754 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IB IL IMPULSE-IN ...
6754_en_05
PHOENIX CONTACT
2
2Ordering data
3
Technical data
Inline terminals
Description
Type
Order No.
Pcs./Pkt.
Inline Modular position detection terminal,
input for magnetostrictive position transducers with START/STOP interface,
without accessories,
transmission speed of 500 kbps
IB IL IMPULSE-IN
2819231
1
Inline Modular position detection terminal,
input for magnetostrictive position transducers with START/STOP interface,
complete with accessories (connectors and labeling fields),
transmission speed of 500 kbps
IB IL IMPULSE-IN-PAC
2861768
1
Inline Modular position detection terminal,
input for magnetostrictive position transducers with START/STOP interface,
without accessories,
transmission speed of 2 Mbps
IB IL IMPULSE-IN-2MBD
2819817
1
Inline Modular position detection terminal,
input for magnetostrictive position transducers with START/STOP interface,
complete with accessories (connectors and labeling fields),
transmission speed of 2 Mbps
IB IL IMPULSE-IN-2MBD-PAC
2819804
1
The connector listed below is needed for the complete fitting of the IB IL IMPULSE-IN and IB IL IMPULSE-IN-2MBD terminals.
Accessories
Description
Type
Order No.
Pcs./Pkt.
Inline shield connector for analog Inline terminals
IB IL SCN-6 SHIELD
2726353
5
Documentation
Description
Type
Order No.
Pcs./Pkt.
"Automation terminals of the Inline product range" user manual
IL SYS INST UM E
2698737
1
General data
Housing dimensions (width x height x depth)
12.2 mm x 136 mm x 72 mm (with connector)
Weight (without connectors)
50 g (without connector), 71 g (with connector)
Operating mode
Process data mode with 2 words
Ambient temperatures (operation)
-25°C ... +55°C
Ambient temperature (storage/transport)
-25°C ... +85°C
Permissible humidity (operation/storage/transport)
10% ... 95% according to DIN EN 61131-2
Permissible air pressure (operation/storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20
Protection class
III, IEC 61140
Connection data for Inline connectors
Connection method
Spring-cage terminals
Conductor cross-section
0.08 mm
2
... 1.5 mm
2
(solid or stranded), 28 - 16 AWG
Interface
Local bus
Inline data jumper
START/STOP interface
Comprising a differential input and a differential output according to RS-422
Transmission speed
IB IL IMPULSE-IN, IB IL IMPULSE-IN-PAC
500 kbps
IB IL IMPULSE-IN-2MBD, IB IL IMPULSE-IN-2MBD-PAC
2 Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com