Electronic Components Datasheet Search
  English  ▼

X  

6889 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 6889
Description  Inline Block IO Module for PROFIBUS With 32 Digital Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6889 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 6889 Datasheet HTML 5Page - PHOENIX CONTACT 6889 Datasheet HTML 6Page - PHOENIX CONTACT 6889 Datasheet HTML 7Page - PHOENIX CONTACT 6889 Datasheet HTML 8Page - PHOENIX CONTACT 6889 Datasheet HTML 9Page - PHOENIX CONTACT 6889 Datasheet HTML 10Page - PHOENIX CONTACT 6889 Datasheet HTML 11Page - PHOENIX CONTACT 6889 Datasheet HTML 12Page - PHOENIX CONTACT 6889 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ILBPB24DO32
6889_en_04
13
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
Phone: +49 - 52 35 - 30 0 • Fax: +49-(0) 5235-3-4 12 00
www.phoenixcontact.com
Diagnostic Data
Mapping of Diagnostic Data in PROFIBUS
Diagnostic Data for Device Diagnostics
Error Table With Diagnostic Data and Status Indicators
© PHOENIX CONTACT 03/2007
Diagnostic
Data
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Remark
Byte 0
X
X
X
X
X
X
X
X
Station status 1
Byte 1
X
X
X
X
X
X
X
X
Station status 2
Byte 2
X
X
X
X
X
X
X
X
Station status 3
Byte 3
X
X
X
X
X
X
X
X
Master address diagnostics
Byte 4
0
0
0
0
0
1
1
0
High ID number
Byte 5
1
0
1
1
1
1
0
1
Low ID number
Byte 6
0
0
0
0
0
1
1
1
Diagnostic header
Byte 7
M.7
M.6
M.5
M.4
M.3
M.2
M.1
M.0
Device diagnostics
Byte 8
000
00
00
0
Reserved
Byte 9
000
00
00
0
Reserved
Byte 10
0
0
0
0
0
0
0
0
Reserved
Byte 11
0
0
0
0
0
0
0
0
Reserved
Byte 12
X
X
00
00
00
Reserved
Bytes 0 to 6 are PROFIBUS standard. Bytes 7 to 12 are device-specific.
Bit
Remark
Assignment
M.0
Short-circuit/overload status of at least one output
1, if output is overloaded/short circuited
M.1- M.7
Reserved
0
If a diagnostic event occurs, the diagnostic data is always sent to the master by means of a diagnostic telegram
generated once by the device.
The current status of the diagnostic data can be read by the device at any time.
Error Type
Diagnostic Data
Status Indicators
Actuator supply UA1 to UA4 too low
No response
UA1 to UA4 LEDs are off
Short circuit of a digital output
Diagnostic register bit 0 is set
to "1"
E LED of the affected output group is red
DIA LED is red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com