Electronic Components Datasheet Search
  English  ▼

X  

7047 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 7047
Description  Inline Power Terminal With Fuse and Diagnostics
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

7047 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  7047 Datasheet HTML 1Page - PHOENIX CONTACT 7047 Datasheet HTML 2Page - PHOENIX CONTACT 7047 Datasheet HTML 3Page - PHOENIX CONTACT 7047 Datasheet HTML 4Page - PHOENIX CONTACT 7047 Datasheet HTML 5Page - PHOENIX CONTACT 7047 Datasheet HTML 6Page - PHOENIX CONTACT 7047 Datasheet HTML 7Page - PHOENIX CONTACT 7047 Datasheet HTML 8Page - PHOENIX CONTACT 7047 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IB IL 24 PWR IN/2F-DF (-PAC)
2
7047_en_00
Figure 1
IB IL 24 PWR IN/2F-DF
with appropriate connector
Function Identification
Black
Local Diagnostic Indicators
1
2
1
2
3
4
1
2
3
4
1 . 1
1 . 2
1 . 3
1 . 4
2 . 1
2 . 2
2 . 3
2 . 4
D
E
P W
R
I N /
2 F - D F
7 0 4 7 A 0 0 2
Des. Color
Meaning
D
Green Bus Diagnostics
ON:
INTERBUS is active
Flashing:
0,5 Hz Communications power
present, INTERBUS not active
2 Hz
I/O error, if the fuse is blown or
missing.
4 Hz
Communications power
present,
local bus error
OFF:
Communications power not
present, INTERBUS not active
ERed
Fuse
OFF:
Fuse OK
ON:
Fuse has blown
If the fuse is missing or has blown, an
I/O error message is sent to the
higher-level control or computer
system.
A blown or missing fuse is indicated
by both LED diagnostic indicators.
The red E LED lights up and the
green D LED flashes at 2 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com