Electronic Components Datasheet Search
  English  ▼

X  

8360 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8360
Description  Inline analog input terminal, version for extreme conditions, 4 inputs, 2-wire connection method
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8360 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8360 Datasheet HTML 9Page - PHOENIX CONTACT 8360 Datasheet HTML 10Page - PHOENIX CONTACT 8360 Datasheet HTML 11Page - PHOENIX CONTACT 8360 Datasheet HTML 12Page - PHOENIX CONTACT 8360 Datasheet HTML 13Page - PHOENIX CONTACT 8360 Datasheet HTML 14Page - PHOENIX CONTACT 8360 Datasheet HTML 15Page - PHOENIX CONTACT 8360 Datasheet HTML 16Page - PHOENIX CONTACT 8360 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IB IL AI/TEMP 4 RTD-XC-PAC
8360_en_00
PHOENIX CONTACT
13 / 19
12
Formats for representing measured values
12.1
IB IL format (default setting)
The measured value is represented in bits 14 to 0. An
additional bit (bit 15) is available as a sign bit. This format
supports extended diagnostics. Values >8000
hex and
<8100
hex indicate an error (see “Diagnostic codes in the in
formats IB IL and standardized representation” on page 16).
Measured value representation in IB IL format, 15 bits
Typical analog values
MSB
LSB
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
SB
Analog value
SB
Sign bit
Sensor type
Voltage
Resistance
Potentiometer
Temperature
Sensor/code
0
1
2
3 ... 12
Resolution (bits 10 and 9)
–
00
bin
01
bin
01
bin/11bin
Process data item (= analog value)
[V]
[Ω]
[%]
[°C]/[°F]
hex
dec
8001
-32767
> 10.837
> 3251.2
1
1
In the resistance measurement mode 0 Ω 3 kΩ is limited to 3000.0 Ω.
> 3251.2
> 3251.2
7F00
32512
10.837
3251.2
1
3251.2
3251.2
7530
30000
10.000
3000.0
3000.0
3000.0
0001
1
0.333 mV
0.1
0.1
0.1
0000
0
0
0
0
0
FFFF
-1
-0.333 mV
–
–
-0.1
F448
-3000
-1.000
–
–
–
8080
-32640
< -1.000
–
–
< -273.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com