Electronic Components Datasheet Search
  English  ▼

X  

8422 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8422
Description  AXL E EIP DIO16 M12 6M
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8422 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8422 Datasheet HTML 1Page - PHOENIX CONTACT 8422 Datasheet HTML 2Page - PHOENIX CONTACT 8422 Datasheet HTML 3Page - PHOENIX CONTACT 8422 Datasheet HTML 4Page - PHOENIX CONTACT 8422 Datasheet HTML 5Page - PHOENIX CONTACT 8422 Datasheet HTML 6Page - PHOENIX CONTACT 8422 Datasheet HTML 7Page - PHOENIX CONTACT 8422 Datasheet HTML 8Page - PHOENIX CONTACT 8422 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1Description
Axioline E EtherNet/IP™ device, metal housing,
16 freely configurable inputs or outputs,
24 V DC, M12 fast connection technology
AXL E EIP DIO16 M12 6M
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within an
EtherNet/IP™ network.
It is used to acquire and output digital signals.
The device is designed for use in systems manufacturing.
It is suitable for use without a control cabinet under harsh in-
dustrial conditions.
The Axioline E device can be used on tool platforms, directly
on welding robots or in conveying technology, for example.
EtherNet/IP™ features
–
2 Ethernet ports (with integrated switch)
–
Minimum cycle time of 1 ms (RPI)
–
Supported protocols: ACD, DLR, IGMP v2
SNMP v1, HTTP, TFTP, FTP, BootP, DHCP
–
Specification: CIP Edition 3.11;
EIP adaptation of CIP 1.12
–
Device description using EDS file
–Firmware can be updated
–
Integrated web server for web-based management
Axioline E features
–
Connection to EtherNet/IP™ network
using M12 connectors (D-coded)
–
Transmission speed of 10 Mbps and 100 Mbps
–
Connection of digital sensors and actuators
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
8422_en_02
2015-09-24


Similar Part No. - 8422

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8422 FILTRAN-8422 Datasheet
103Kb / 1P
CHOKE Current Compensated Chokes
logo
Belden Inc.
8422 BELDEN-8422 Datasheet
177Kb / 2P
Microphone Cable, 2 C #22 Str TC, 85% TC Braid, Cotton Braid, PVC Jkt
01-20-2023
logo
Keystone Electronics Co...
8422 KEYSTONE-8422 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Belden Inc.
8422-0601000 BELDEN-8422-0601000 Datasheet
177Kb / 2P
Microphone Cable, 2 C #22 Str TC, 85% TC Braid, Cotton Braid, PVC Jkt
01-20-2023
8422-060500 BELDEN-8422-060500 Datasheet
177Kb / 2P
Microphone Cable, 2 C #22 Str TC, 85% TC Braid, Cotton Braid, PVC Jkt
01-20-2023
More results

Similar Description - 8422

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701494 PHOENIX-2701494 Datasheet
346Kb / 29P
AXL E EIP DIO16 M12 6P
8420 PHOENIX-8420 Datasheet
336Kb / 28P
AXL E EIP DI8 DO8 M12 6M
8421 PHOENIX-8421 Datasheet
331Kb / 26P
AXL E EIP DI16 M12 6M
8423 PHOENIX-8423 Datasheet
340Kb / 28P
AXL E EIP DI8 DO4 2A M12 6M
8432 PHOENIX-8432 Datasheet
295Kb / 17P
AXL E PB DIO16 M12 6M
8443 PHOENIX-8443 Datasheet
309Kb / 19P
AXL E PN DIO16 M12 6M
8537 PHOENIX-8537 Datasheet
340Kb / 25P
AXL E EC DIO16 M12 6M
8547 PHOENIX-8547 Datasheet
324Kb / 22P
AXL E ETH DIO16 M12 6M
8557 PHOENIX-8557 Datasheet
325Kb / 23P
AXL E S3 DIO16 M12 6M
2701517 PHOENIX-2701517 Datasheet
1Mb / 32P
Digital module - AXL E PN DIO16 M12 6M
Dec 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com