Electronic Components Datasheet Search
  English  ▼

X  

TIP550 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIP550
Description  Channels of Isolated 12 bit D/A Conversion
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TIP550 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIP550 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek / Germany
Phone: +49-(0)4101-4058-0
Fax: +49-(0)4101-4058-19
e-mail: info@tews.com
www.tews.com
TEWS TECHNOLOGIES LLC
1 E. Liberty Street, Sixth Floor
Reno, Nevada 89504 / USA
Phone: +1 (775) 686 6077
Fax: +1 (775) 686 6024
e-mail: usasales@tews.com
www.tews.com
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice
06/2002
IndustryPack is a registered trademark of SBS Technologies, Inc.
Application Information
The TIP550 is an IndustryPack
 compatible module and
provides 8 or 4 channels of isolated 12 bit analog outputs.
The
settling
time
to
0.01%
is
13µs
typical.
The
programmable output voltage range is +/-10V or 0-10V
selectable by jumper. The isolated DAC and the output
buffer are powered by an on board DC/DC converter.
Each
TIP550
is
factory
calibrated.
The
calibration
information is stored in the Identification-PROM unique to
each IP.
For
First-Time-Buyers
the
engineering
documentation
TIP550-ED
is
recommended.
The
engineering
documentation includes TIP550-DOC, schematics and data
sheets.
Driver support (TIP550-SW-xx) for different operating
systems is available.
Technical Information
! Interface according to IndustryPack specification
! Identification-PROM supports auto-configuration
! Single Size IndustryPack
! 8 (4) channels of isolated 12 bit analog output
! Full-scale output range +/-10 V or 0-10V selectable by
jumper
! Factory calibrated, calibration information in Identification-
PROM unique to each IP
! Operating temperature -40°C to +85°C
ID-PROM
Control &
Interface
DC/DC
Converter
12 bit DAC
4 Channels
12 bit DAC
4 Channels
Order Information
TIP550-10
8 Channels of Isolated 12 bit Analog Output
TIP550-11
4 Channels of Isolated 12 bit Analog Output
TIP550-DOC
User Documentation
TIP550-ED
Engineering Documentation, includes
TIP550-DOC
TIP550-SW-12
OS-9 Software Support
TIP550-SW-32
pSOS Software Support
TIP550-SW-42
VxWorks Software Support
TIP550-SW-62
Windows NT 4.0 Software Support
TIP550-SW-72
LynxOS Software Support
TIP550-SW-82
LiNUX Software Support
TIP550-SW-92
QNX 4 Software Support
TIP550-SW-95
QNX 6 Software Support
TIP550 8 (4) Channels of Isolated 12 bit D/A Conversion


Similar Part No. - TIP550

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TIP550 TEWS-TIP550 Datasheet
206Kb / 1P
8 (4) Channels of Isolated 12 bit D/A Conversion
10/2009
TIP550-10 TEWS-TIP550-10 Datasheet
206Kb / 1P
8 (4) Channels of Isolated 12 bit D/A Conversion
10/2009
TIP550-10R TEWS-TIP550-10R Datasheet
206Kb / 1P
8 (4) Channels of Isolated 12 bit D/A Conversion
10/2009
TIP550-11 TEWS-TIP550-11 Datasheet
206Kb / 1P
8 (4) Channels of Isolated 12 bit D/A Conversion
10/2009
TIP550-11R TEWS-TIP550-11R Datasheet
206Kb / 1P
8 (4) Channels of Isolated 12 bit D/A Conversion
10/2009
More results

Similar Description - TIP550

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
12-Bit A/D Converter
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
logo
List of Unclassifed Man...
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
logo
fujitsu semiconductor
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
List of Unclassifed Man...
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
10-bit, 8 Channels A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
12-Bit A/D Converter
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
12-Bit A/D Converter
23-Feb-2017
logo
Maxim Integrated Produc...
MAX1292EVKIT MAXIM-MAX1292EVKIT Datasheet
283Kb / 5P
12-Bit Analog-to-Digital Conversion
Rev 1; 12/99
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com