Electronic Components Datasheet Search
  English  ▼

X  

TIP606 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIP606
Description  16 Interrupt Generating Digital Inputs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TIP606 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIP606 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek / Germany
Phone: +49-(0)4101-4058-0
Fax: +49-(0)4101-4058-19
e-mail: info@tews.com
www.tews.com
TEWS TECHNOLOGIES LLC
1 E. Liberty Street, Sixth Floor
Reno, Nevada 89504 / USA
Phone: +1 (775) 686 6077
Fax: +1 (775) 686 6024
e-mail: usasales@tews.com
www.tews.com
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice
06/2002
IndustryPack is a registered trademark of SBS Technologies, Inc.
Application Information
The TIP606 is an IndustryPack® compatible module and is
designed for avionic test environments. It provides 16
optically isolated differential inputs for high unipolar input
voltage which may exceed the supply voltage of the
module. The inputs can withstand input voltage up to 44V
maximum between the two differential input pins.
Due to the differential inputs of the TIP606, it is even
possible to use the module in noisy environments. The
TIP606 provides a high differential input resistance of
112kohms typically.
The interface circuit will detect a logic 1, if the differential
voltage is typically greater than +14.0V and it will detect a
logic 0, if the input voltage is typically lower than +3.5V.
The
inputs
are
isolated
from
the
IP
interface
via
optocouplers. Each input is capable of generating interrupts
on rising or falling edges of the input signal. It is also
possible to disable the generation of interrupts and poll the
input register for new data.
All inputs have an electronic debounce circuit. The
debounce time is programmable in a range from 900µs up
to 230ms in 256 steps of 900µs. The debounce circuit can
also be disabled. The TIP606 is designed for an operating
temperature from -40°C to +85°C.
For
First-Time-Buyers
the
engineering
documentation
TIP606-ED
is
recommended.
The
engineering
documentation includes TIP606-DOC, schematics and data
sheets.
The driver software TIP606-SW-xx provides functions to
configure the TIP606, read the input status and connect
software events to input state changes.
Technical Information
! Interface according to IndustryPack specification
! Identification-PROM supports auto-configuration
! Single Size IndustryPack
! 16 interrupt generating differential digital inputs
! Up to 44V signal voltage for all 16 inputs
! Optocouplers for galvanic isolation of input to computer
system
! All inputs have an electronic debounce circuit,
debounce time is freely programmable
! Operating temperature -40°C to +85°C
ID-PROM
Input
Register
with Interrupt
Capability
8 bit vector
Decoder
Electronic
Debouncing
16 Opto-
couplers
16 Input
Circuits
Order Information
TIP606-10
16 Interrupt Generating Digital Inputs
TIP606-DOC
User Documentation
TIP606-ED
Engineering Documentation, includes
TIP606-DOC
TIP606-SW-12
OS-9 Software Support
TIP606-SW-32
pSOS Software Support
TIP606-SW-42
VxWorks Software Support
TIP606-SW-62
Windows NT 4.0 Software Support
TIP606-SW-72
LynxOS Software Support
TIP606-SW-82
LiNUX Software Support
TIP606-SW-92
QNX 4 Software Support
TIP606-SW-95
QNX 6 Software Support
TIP606
16 Interrupt generating Digital Inputs


Similar Part No. - TIP606

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIP606 TI-TIP606 Datasheet
203Kb / 6P
PNP DARLINGTON-CONNECTED SILICON POWER TRANSISTORS
logo
TEWS Technologies GmbH
TIP606 TEWS-TIP606 Datasheet
125Kb / 2P
16 Interrupt generating Digital Inputs
2017-08-24
TIP606-10R TEWS-TIP606-10R Datasheet
125Kb / 2P
16 Interrupt generating Digital Inputs
2017-08-24
TIP606-DOC TEWS-TIP606-DOC Datasheet
125Kb / 2P
16 Interrupt generating Digital Inputs
2017-08-24
TIP606-SW-42 TEWS-TIP606-SW-42 Datasheet
125Kb / 2P
16 Interrupt generating Digital Inputs
2017-08-24
More results

Similar Description - TIP606

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2742638 PHOENIX-2742638 Datasheet
279Kb / 5P
PROFIBUS-DP/V1 Bus Coupler Station With 16 Digital Inputs and 16 Digital Outputs
2897570 PHOENIX-2897570 Datasheet
744Kb / 16P
Inline Block IO Module for SERCOS III With 16 Digital Inputs and 16 Digital Inputs/Outputs
5634B PHOENIX-5634B Datasheet
311Kb / 12P
Digital Input Module with 16 Inputs
6884 PHOENIX-6884 Datasheet
975Kb / 15P
Inline Block IO module for CANopen with 16 digital inputs and 16 digital outputs
6885 PHOENIX-6885 Datasheet
950Kb / 17P
Inline Block IO Module for DeviceNet??With 16 Digital Inputs and 16 Digital Outputs
logo
WAGO Kontakttechnik Gmb...
706-3140-302-100 WAGO-706-3140-302-100 Datasheet
107Kb / 3P
System cable; for Schneider Modicon Quantum; 16 digital inputs
23.11.2021
706-3140-302-200 WAGO-706-3140-302-200 Datasheet
107Kb / 3P
System cable; for Schneider Modicon Quantum; 16 digital inputs
23.11.2021
706-3140-302-300 WAGO-706-3140-302-300 Datasheet
103Kb / 2P
System cable; for Schneider Modicon Quantum; 16 digital inputs
23.11.2021
logo
Advantech Co., Ltd.
PCIE-1762H ADVANTECH-PCIE-1762H Datasheet
295Kb / 1P
16-ch Relay and 16-ch Isolated Digital Input w/ digital filter & interrupt PCIe Card
15-May-2018
logo
Black Box Registered Tr...
ED-516 BLACKBOX-ED-516 Datasheet
1Mb / 6P
ED-516 ETHERNET TO Digital IO 16 Inputs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com