Electronic Components Datasheet Search
  English  ▼

X  

8442 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8442
Description  AXL E PN DI16 M12 6M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8442 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8442 Datasheet HTML 9Page - PHOENIX CONTACT 8442 Datasheet HTML 10Page - PHOENIX CONTACT 8442 Datasheet HTML 11Page - PHOENIX CONTACT 8442 Datasheet HTML 12Page - PHOENIX CONTACT 8442 Datasheet HTML 13Page - PHOENIX CONTACT 8442 Datasheet HTML 14Page - PHOENIX CONTACT 8442 Datasheet HTML 15Page - PHOENIX CONTACT 8442 Datasheet HTML 16Page - PHOENIX CONTACT 8442 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AXL E PN DI16 M12 6M
8442_en_04
PHOENIX CONTACT
13
10
PROFINET IO Device
The Axioline E PROFINET device operates as a PROFINET IO device based on PROFINET specification v2.2.
In slot 1 always is the "Status module" with 4 bytes each input process data. In slot 2 is to find the IO module, which contains
the process data and startup parameters.
10.1
Status module
The status module cyclically provides the following diagnostics options via process data:
10.2
IO module
Assignment of the terminal points to the IN process data
When the byte order is not reversed, the process data looks like this:
Key:
10.3
Swap byte order
The byte order of the process data can be changed with the following paramater on the IO module in the slot 2.
Bit 31 ... bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Supply of the module electronics and sensors (U
S)
Reserved
Reserved
Undervoltage
Overload
Reserved
Depending on the configuration you can process data bytes 0 and 1 swap.
Input process data
Byte
Byte 0
Byte 1
Bit
765
43
210
76
543
21
0
IN
07
06
05
04
03
02
01
00
17
16
15
14
13
12
11
10
Connection
X04
X03
X02
X01
X08
X07
X06
X05
Pin
242
42
424
24
242
42
4
DI
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
Bit:
Process data assignment
IN:
LED marking
DI:
Device input
Parameter
Possible values
(bold = default)
Description
Swap byte order
0 = off (default)
With this parameter, the process data can be rotated, ie the byte swap.The pa-
rameter "Failsafe substitute value" remains unaffected.
1 = on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com