Electronic Components Datasheet Search
  English  ▼

X  

8449 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 8449
Description  AXL E PN DI8 DO4 2A M12 6P
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8449 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  8449 Datasheet HTML 1Page - PHOENIX CONTACT 8449 Datasheet HTML 2Page - PHOENIX CONTACT 8449 Datasheet HTML 3Page - PHOENIX CONTACT 8449 Datasheet HTML 4Page - PHOENIX CONTACT 8449 Datasheet HTML 5Page - PHOENIX CONTACT 8449 Datasheet HTML 6Page - PHOENIX CONTACT 8449 Datasheet HTML 7Page - PHOENIX CONTACT 8449 Datasheet HTML 8Page - PHOENIX CONTACT 8449 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AXL E PN DI8 DO4 2A M12 6P
8449_en_04
PHOENIX CONTACT
2
2Table of contents
1
Description .............................................................................................................................. 1
2
Table of contents ..................................................................................................................... 2
3
Ordering data .......................................................................................................................... 3
4
Technical data ......................................................................................................................... 4
5
Internal circuit diagram ............................................................................................................ 7
6
Pin assignment ........................................................................................................................ 8
6.1
PROFINET and power supply connection
.................................................................................. 8
6.2
PROFINET pin assignment
.................................................................................................... 8
6.3
Pin assignment of the power supply U
S/UA................................................................................. 8
6.4
Connecting inputs and outputs
................................................................................................ 9
6.5
Pin assignment of the inputs and outputs
................................................................................... 9
7
Connection example.............................................................................................................. 10
8
Connection notes .................................................................................................................. 10
9
Local status and diagnostic indicators ................................................................................... 11
9.1
Indicators for Ethernet ports and power supply
.......................................................................... 11
9.2
Input and output indicators
................................................................................................... 12
10
PROFINET IO Device ............................................................................................................13
10.1
Status module
................................................................................................................... 13
10.2
IO module
........................................................................................................................ 13
10.3
Substitute value behavior
..................................................................................................... 14
10.4
Diagnostic messages
......................................................................................................... 15
10.5
LLDP - Link Layer Discovery Protocol
..................................................................................... 15
10.6
MRP - Media Redundancy Protocol
........................................................................................ 15
11
FSU - Fast Startup ................................................................................................................. 15
11.1
Shared device
................................................................................................................... 15
11.2
Device replacement
........................................................................................................... 15
11.3
I&M functions
.................................................................................................................... 16
12
Startup ................................................................................................................................... 17
12.1
Delivery state/default settings
............................................................................................... 17
12.2
Starting the firmware
.......................................................................................................... 17
12.3
Firmware update
............................................................................................................... 17
12.4
Restoring the default settings
................................................................................................ 17
13
WBM - Web-based management .......................................................................................... 18
14
SNMP - Simple Network Management Protocol .................................................................... 18
15
Device description file (GSDML) ........................................................................................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com