Electronic Components Datasheet Search
  English  ▼

X  

8461 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8461
Description  IB IL 24 DI8/HD-XC-PAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8461 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8461 Datasheet HTML 1Page - PHOENIX CONTACT 8461 Datasheet HTML 2Page - PHOENIX CONTACT 8461 Datasheet HTML 3Page - PHOENIX CONTACT 8461 Datasheet HTML 4Page - PHOENIX CONTACT 8461 Datasheet HTML 5Page - PHOENIX CONTACT 8461 Datasheet HTML 6Page - PHOENIX CONTACT 8461 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1Description
Inline digital input terminal,
version for extreme conditions,
8 inputs, 24 V DC
IB IL 24 DI8/HD-XC-PAC
© PHOENIX CONTACT
Data sheet
The terminal block has been developed for use in an Inline
station. It is used to acquire digital signals.
Thanks to special engineering measures and tests, the termi-
nal can be used under extreme ambient conditions.
Features
–
Connections for eight digital sensors
–
Connection of sensors in 1-wire technology
–
Diagnostic and status indicators
–
Can be used under extreme ambient conditions
–Painted PCBs
–
Extended temperature range T2 (-40°C
 +55°C)  
This data sheet is only valid in association with the IL SYS INST UM E user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at www.phoenixcontact.net/catalog.
8461_en_00
2012-05-29


Similar Part No. - 8461

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8461 FILTRAN-8461 Datasheet
196Kb / 2P
LAN 10/100 Base-TX Dual Port Transformer Modules
logo
List of Unclassifed Man...
8461 ETC2-8461 Datasheet
96Kb / 2P
18 AWG stranded (7x26) tinned copper conductors, PVC insulation, twisted pair, PVC jacket.
logo
API Technologies Corp
8461 APITECH-8461 Datasheet
916Kb / 2P
10/100 Base-TX Dual Port Transformer Modules
logo
Belden Inc.
8461 BELDEN-8461 Datasheet
250Kb / 2P
Electronic, 2 C #18 Str TC, PVC Ins, PVC Jkt, CMG
logo
Heyco.
8461 HEYCO-8461 Datasheet
120Kb / 1P
Nylon Locknuts
More results

Similar Description - 8461

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2862835 PHOENIX-2862835 Datasheet
189Kb / 6P
IB IL 24 DI 32/HD-PAC
8462 PHOENIX-8462 Datasheet
188Kb / 8P
IB IL 24 DO8/HD-XC-PAC
8463 PHOENIX-8463 Datasheet
207Kb / 11P
IB IL 24/48 DOR 2/W-XC-PAC
8499 PHOENIX-8499 Datasheet
169Kb / 9P
IB IL 24 PWR IN/R-XC-PAC
8500 PHOENIX-8500 Datasheet
205Kb / 14P
IB IL AO 2/UI-XC-PAC
106145 PHOENIX-106145 Datasheet
171Kb / 8P
IB IL 24 DO 2-2A-XC-PAC
106148 PHOENIX-106148 Datasheet
188Kb / 10P
IB IL CNT-XC-PAC
2700172 PHOENIX-2700172 Datasheet
137Kb / 9P
Inline terminal - IB IL 24 DO8/HD-PAC
09/12/2020
2701212 PHOENIX-2701212 Datasheet
463Kb / 12P
Digital module - IB IL 24 DI8/HD-XC-PAC
Dec 9, 2022
2701213 PHOENIX-2701213 Datasheet
460Kb / 12P
Digital module - IB IL 24 DO8/HD-XC-PAC
Dec 9, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com