Electronic Components Datasheet Search
  English  ▼

X  

8540 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8540
Description  AXL E EC DI8 DO8 M12 6P
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8540 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8540 Datasheet HTML 1Page - PHOENIX CONTACT 8540 Datasheet HTML 2Page - PHOENIX CONTACT 8540 Datasheet HTML 3Page - PHOENIX CONTACT 8540 Datasheet HTML 4Page - PHOENIX CONTACT 8540 Datasheet HTML 5Page - PHOENIX CONTACT 8540 Datasheet HTML 6Page - PHOENIX CONTACT 8540 Datasheet HTML 7Page - PHOENIX CONTACT 8540 Datasheet HTML 8Page - PHOENIX CONTACT 8540 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1Description
Axioline E EtherCAT
®
device, plastic housing,
8 inputs, 8 outputs, 24 V DC,
M12 fast connection technology
AXL E EC DI8 DO8 M12 6P
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within an
EtherCAT
®
network.
It is used to acquire and output digital signals.
EtherCAT
®
is a registered trademark and patented technol-
ogy, licensed by Beckhoff Auotmation GmbH, Germany.
EtherCAT
®
features
–2 Ethernet-Ports
–
Automatic addressing
–
Identification:
–
Rotary coding switch for assigning the ID for the
“Explicit Device ID” mechanism
–
Configured Second Station Alias
–Hot Connect
–
Acyclic data communication
(CoE and FoE mailbox protocols)
–
Supports the EtherCAT
®
cycle time of min. 100 µs
–
Supports distributed clocks (jitter << 1 μs)
–
Specification: ETG.1000 V1.02
–
Device description by means of ESI
–Firmware can be updated
Axioline E features
–
Connection to EtherCAT
®
network
using M12 connectors (D-coded)
–
Transmission speed 100 Mbps
–
Connection of digital sensors and actuators
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
Abbreviations used
–
CoE: CAN application layer over EtherCAT
®
–
DC: distributed clocks
–
FoE: file access over EtherCAT
®
8540_en_03
2015-03-05


Similar Part No. - 8540

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8540 FILTRAN-8540 Datasheet
100Kb / 1P
INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
List of Unclassifed Man...
8540 ETC2-8540 Datasheet
686Kb / 1P
Operates between 0-60 VDC, 1 mA-30 A (150 W maximum)
logo
3M Electronics
8540-4500JL 3M-8540-4500JL Datasheet
34Kb / 2P
.100,  .100, Polarized Boardmount Socket
19-Feb-1999
8540-4500PL 3M-8540-4500PL Datasheet
1Mb / 5P
3M Polarized Boardmount Socket
April 11, 2008
logo
Abbatron All Rights Res...
8540-8551 ABBATRON-8540-8551 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 8540

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701492 PHOENIX-2701492 Datasheet
261Kb / 28P
AXL E EIP DI8 DO8 M12 6P
8435 PHOENIX-8435 Datasheet
292Kb / 17P
AXL E PB DI8 DO8 M12 6P
8446 PHOENIX-8446 Datasheet
303Kb / 18P
AXL E PN DI8 DO8 M12 6P
8535 PHOENIX-8535 Datasheet
339Kb / 25P
AXL E EC DI8 DO8 M12 6M
8543 PHOENIX-8543 Datasheet
333Kb / 25P
AXL E EC DI8 DO4 2A M12 6P
8550 PHOENIX-8550 Datasheet
323Kb / 22P
AXL E ETH DI8 DO8 M12 6P
8560 PHOENIX-8560 Datasheet
324Kb / 23P
AXL E S3 DI8 DO8 M12 6P
2701509 PHOENIX-2701509 Datasheet
1Mb / 31P
Digital module - AXL E PN DI8 DO8 M12 6P
Dec 9, 2022
2701520 PHOENIX-2701520 Datasheet
1Mb / 31P
Digital module - AXL E EC DI8 DO8 M12 6P
Dec 9, 2022
2701497 PHOENIX-2701497 Datasheet
1Mb / 33P
Digital module - AXL E PB DI8 DO8 M12 6P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com