Electronic Components Datasheet Search
  English  ▼

X  

8543 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 8543
Description  AXL E EC DI8 DO4 2A M12 6P
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8543 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 8543 Datasheet HTML 17Page - PHOENIX CONTACT 8543 Datasheet HTML 18Page - PHOENIX CONTACT 8543 Datasheet HTML 19Page - PHOENIX CONTACT 8543 Datasheet HTML 20Page - PHOENIX CONTACT 8543 Datasheet HTML 21Page - PHOENIX CONTACT 8543 Datasheet HTML 22Page - PHOENIX CONTACT 8543 Datasheet HTML 23Page - PHOENIX CONTACT 8543 Datasheet HTML 24Page - PHOENIX CONTACT 8543 Datasheet HTML 25Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AXL E EC DI8 DO4 2A M12 6P
8543_en_03
PHOENIX CONTACT
21
13.2
AL Status Code Register
If the state transition requested by the master is not possible, then the slave sets an error flag in the AL status register (bit 4)
and writes an error code to the AL status code register.
AL status code (hex)
Description
State or transition
Resulting state
0000
No error
Any
Current state
0001
Unspecified error
Any
Any + E
0011
Invalid requested state change
I→S, I→O, P→O
O→B, S→B, P→B
Current state + E
0012
Unknown requested state
Any
Current state + E
0015
Invalid Mailbox Configuration for Bootstrap
I→BI + E
0016
Invalid Mailbox Configuration for Pre-Operational State
I→PI + E
0017
Invalid Sync Manager Configuration
P→S, S→O
Current state + E
001B
Sync Manager Watchdog
O, S
S + E
001D
Invalid output configuration
O, S
P→S
S + E
P + E
001E
Invalid input configuration
O, S, P→SP + E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com