Electronic Components Datasheet Search
  English  ▼

X  

8545 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8545
Description  AXL E ETH DI8 DO8 M12 6M
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8545 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8545 Datasheet HTML 1Page - PHOENIX CONTACT 8545 Datasheet HTML 2Page - PHOENIX CONTACT 8545 Datasheet HTML 3Page - PHOENIX CONTACT 8545 Datasheet HTML 4Page - PHOENIX CONTACT 8545 Datasheet HTML 5Page - PHOENIX CONTACT 8545 Datasheet HTML 6Page - PHOENIX CONTACT 8545 Datasheet HTML 7Page - PHOENIX CONTACT 8545 Datasheet HTML 8Page - PHOENIX CONTACT 8545 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1Description
Axioline E Ethernet device, metal housing,
8 inputs, 8 outputs, 24 V DC,
M12 fast connection technology
AXL E ETH DI8 DO8 M12 6M
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within an Ethernet
network (Modbus/TCP).
It is used to acquire and output digital signals.
The device is designed for use in systems manufacturing.
It is suitable for use without a control cabinet under harsh in-
dustrial conditions.
The Axioline E device can be used on tool platforms, directly
on welding robots or in conveying technology, for example.
Ethernet features
–
2 Ethernet ports (with integrated switch)
–
Supported protocols:
SNMP v1, HTTP, TFTP, FTP, BootP, DHCP
–
Specification: Modbus application protocol V1.1b
–Firmware can be updated
–
Integrated web server for web-based management
Axioline E features
–
Connection to Ethernet network (Modbus/TCP)
using M12 connectors (D-coded)
–
Transmission speed of 10 Mbps and 100 Mbps
–
Connection of digital sensors and actuators
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
By default upon delivery, the process data watchdog is deactivated.
8545_en_03
2016-02-08


Similar Part No. - 8545

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8545 FILTRAN-8545 Datasheet
100Kb / 1P
INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
Integrated Device Techn...
8545 IDT-8545 Datasheet
228Kb / 15P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
3M Electronics
8545 3M-8545 Datasheet
225Kb / 4P
3M Polyurethane Protective Tape 8545 Matte Black (no adhesive)
Apr-2020
logo
Renesas Technology Corp
8545 RENESAS-8545 Datasheet
510Kb / 16P
Low Skew, 1-to-4 LVCMOS/ LVTTL-to-LVDS Fanout Buffer
December 8, 2015
logo
Integrated Device Techn...
8545-01 IDT-8545-01 Datasheet
220Kb / 13P
LVCMOS/LVTTL-to-LVDS Fanout Buffer
More results

Similar Description - 8545

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8420 PHOENIX-8420 Datasheet
336Kb / 28P
AXL E EIP DI8 DO8 M12 6M
8430 PHOENIX-8430 Datasheet
294Kb / 17P
AXL E PB DI8 DO8 M12 6M
8441 PHOENIX-8441 Datasheet
305Kb / 18P
AXL E PN DI8 DO8 M12 6M
8535 PHOENIX-8535 Datasheet
339Kb / 25P
AXL E EC DI8 DO8 M12 6M
8548 PHOENIX-8548 Datasheet
321Kb / 22P
AXL E ETH DI8 DO4 2A M12 6M
8550 PHOENIX-8550 Datasheet
323Kb / 22P
AXL E ETH DI8 DO8 M12 6P
8555 PHOENIX-8555 Datasheet
325Kb / 23P
AXL E S3 DI8 DO8 M12 6M
1300921 PHOENIX-1300921 Datasheet
740Kb / 12P
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
Nov 16, 2022
2701515 PHOENIX-2701515 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO8 M12 6M
Dec 9, 2022
2701532 PHOENIX-2701532 Datasheet
1Mb / 31P
Digital module - AXL E ETH DI8 DO8 M12 6P
Dec 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com