Electronic Components Datasheet Search
  English  ▼

X  

8562 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 8562
Description  AXL E S3 DIO16 M12 6P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8562 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 8562 Datasheet HTML 9Page - PHOENIX CONTACT 8562 Datasheet HTML 10Page - PHOENIX CONTACT 8562 Datasheet HTML 11Page - PHOENIX CONTACT 8562 Datasheet HTML 12Page - PHOENIX CONTACT 8562 Datasheet HTML 13Page - PHOENIX CONTACT 8562 Datasheet HTML 14Page - PHOENIX CONTACT 8562 Datasheet HTML 15Page - PHOENIX CONTACT 8562 Datasheet HTML 16Page - PHOENIX CONTACT 8562 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AXL E S3 DIO16 M12 6P
8562_en_04
PHOENIX CONTACT
13
S
Green/
or-
ange/
red
Sercos
Flashing
orange
(2 Hz)
Identification (bit 15 in device control (C-Dev)), used for address as-
signment and configuration errors.
Orange
ON
CP0
Flashing
orange/
green
CP1:
250 ms green, 2750 ms orange
Flashing
orange/
green
CP2:
250 ms green, 250 ms orange,
250 ms green, 2250 ms orange
Flashing
orange/
green
CP3:
250 ms green, 250 ms orange,
250 ms green, 250 ms orange,
250 ms green, 1750 ms orange
Green
ON
CP4
Green
flashing
Loop back activated
Flashing
red/or-
ange
User error
Flashing
red/
green
MST loss
Red ON
Communication error
Flashing
red
(2 Hz)
Watchdog error
OFF
NRT mode; no Sercos communication
SD
Green/
or-
ange/
red
Sub Device
Green
ON
Sub device is on the operation level (OL)
Orange
ON
Sub device is on the parameterization level (PL)
Red ON
Error in the sub device (C1D)
OFF
Sub device is not active.
US
Green/
red
U
Sensorik
Green
ON
Communications power/sensor voltage present
OFF
Communications power/sensor voltage not present or too low.
Red ON
Sensor voltage overload
UA
Green
U
Aktorik
ON
Actuator voltage present.
OFF
Actuator voltage not present.
Designation
Color
Meaning
State
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com